Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6602 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6602
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6602 Datasheet(HTML) 9 Page - Intersil Corporation

  HIP6602 Datasheet HTML 1Page - Intersil Corporation HIP6602 Datasheet HTML 2Page - Intersil Corporation HIP6602 Datasheet HTML 3Page - Intersil Corporation HIP6602 Datasheet HTML 4Page - Intersil Corporation HIP6602 Datasheet HTML 5Page - Intersil Corporation HIP6602 Datasheet HTML 6Page - Intersil Corporation HIP6602 Datasheet HTML 7Page - Intersil Corporation HIP6602 Datasheet HTML 8Page - Intersil Corporation HIP6602 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
HIP6602
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
M14.15 (JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.3367
0.3444
8.55
8.75
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N14
14
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - HIP6602

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602ACB INTERSIL-HIP6602ACB Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602ACB RENESAS-HIP6602ACB Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results

Similar Description - HIP6602

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com