Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8112ACN Datasheet(PDF) 1 Page - Harris Corporation

Part # HMP8112ACN
Description  NTSC/PAL Video Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HMP8112ACN Datasheet(HTML) 1 Page - Harris Corporation

  HMP8112ACN Datasheet HTML 1Page - Harris Corporation HMP8112ACN Datasheet HTML 2Page - Harris Corporation HMP8112ACN Datasheet HTML 3Page - Harris Corporation HMP8112ACN Datasheet HTML 4Page - Harris Corporation HMP8112ACN Datasheet HTML 5Page - Harris Corporation HMP8112ACN Datasheet HTML 6Page - Harris Corporation HMP8112ACN Datasheet HTML 7Page - Harris Corporation HMP8112ACN Datasheet HTML 8Page - Harris Corporation HMP8112ACN Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
Semiconductor
March 1998
HMP8112A
NTSC/PAL Video Decoder
Features
• Supports ITU-R BT.601 (CCIR601) and Square Pixel
• 3 Composite Analog Inputs with Sync Tip AGC, Black
Clamping and White Peak Control
• Patented Decoding Scheme with Improved 2-Line
Comb Filter, Y/C Separation
• NTSC M and PAL (B, D, G, H, I, M, N, CN) Operation
• Composite or S-Video Input
• User-Selectable Color Trap and Low Pass Video
Filters
• User Selectable Hue, Saturation, Contrast, Sharpness,
and Brightness Controls
• User Selectable Data Transfer Output Modes
• 16-Bit 4:2:2 YCbCr
• 8-Bit 4:2:2 YCbCr
• User Selectable Clock Range from 20MHz - 30MHz
•I2C Interface
• VMI Compatible Video Data Bus
Applications
• Multimedia PCs
• Video Conferencing
• Video Editing
• Video Security Systems
• Digital VCRs
• Related Products
- NTSC/PAL Encoders: HMP8154, HMP8156A,
HMP8170/1, HMP8172/3
- NTSC/PAL Decoders: HMP8115, HMP8130/1
Description
The HMP8112A is a high quality, digital video, color decoder
with internal A/D converters. The A/D function includes a 3:1
analog input mux, Sync Tip AGC, Black clamping and two 8-
bit A/D Converters. The high quality A/D converters minimize
pixel jitter and crosstalk.
The decoder function is compatible with NTSC M, PAL B, D,
G, H, I, M, N and special combination PAL N video stan-
dards. Both composite (CVBS) and S-Video (Y/C) input for-
mats are supported. A 2-line comb filter plus a user
selectable Chrominance trap filter provide high quality Y/C
separation. Various adjustments are available to optimize the
image such as Brightness, Contrast, Saturation, Hue and
Sharpness controls. Video synchronization is achieved with
a 4xfSC chroma burst lock PLL for color demodulation and
line lock PLL for correct pixel alignment. A chrominance sub-
sampling 4:2:2 scheme is provided to reduce chrominance
bandwidth.
The HMP8112A is ideally suited as the analog video inter-
face to VCR’s and camera’s in any multimedia or video sys-
tem. The high quality Y/C separation, user flexibility and
integrated phase locked loops are ideal for use with today’s
powerful compression processors. The HMP8112A operates
from a single 5V supply and is TTL/CMOS compatible.
Table of Contents
Page
Functional Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . . 2
Functional Operation Introduction . . . . . . . . . . . . . . . . . . 5
Internal Register Description Tables. . . . . . . . . . . . . . . . 15
Pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
AC and DC Electrical Specifications. . . . . . . . . . . . . . . . 25
Typical Performance Curves . . . . . . . . . . . . . . . . . . . . . . 28
Applications Information . . . . . . . . . . . . . . . . . . . . . . . . . 39
Package Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.NO.
HMP8112ACN
0 to 70
80 Ld PQFP†
Q80.14x20
HMP8112EVAL2
PCI Reference Design (Includes Part)
HMP8156EVAL2
Frame Grabber Evaluation Board
(Includes Part)
† PQFP is also known as QFP and MQFP
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
4407.2
NOT
REC
OM
MEN
DED
FOR
NEW
DES
IGN
S
See
HMP
811
5


Similar Part No. - HMP8112ACN

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
HMP8112CN HARRIS-HMP8112CN Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
HMP8112EVAL2 HARRIS-HMP8112EVAL2 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
More results

Similar Description - HMP8112ACN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
logo
Renesas Technology Corp
HMP8117 RENESAS-HMP8117 Datasheet
1Mb / 45P
   NTSC/PAL Video Decoder
July 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com