Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8112EVAL2 Datasheet(PDF) 9 Page - Harris Corporation

Part # HMP8112EVAL2
Description  NTSC/PAL Video Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HMP8112EVAL2 Datasheet(HTML) 9 Page - Harris Corporation

Back Button HMP8112EVAL2 Datasheet HTML 5Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 6Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 7Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 8Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 9Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 10Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 11Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 12Page - Harris Corporation HMP8112EVAL2 Datasheet HTML 13Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
4-9
exceed 285. Greater than 285 lines in a field is interpreted
as a PAL video source. An ideal NTSC source should have
262.5 lines per field and a PAL source should have 312.5
lines per field.
The HMP8112A can detect a STANDARD ERROR that sig-
nals when the video received does not match the standard
that was programmed into the Video Input Control Register.
This flag, when asserted, tells the user that the video stan-
dard that was expected was not found and a different stan-
dard should be selected in the Video Input Control register.
The error flag is cleared after a RESET or after the Chroma
PLL Clock Ratio register has been loaded via the I2C bus.
After the flag is cleared the standard error logic verifies the
video standard. The error flag is set after 2 vertical sync peri-
ods have passed and the line count did not match the
expected line count.
Video Adjustments
The HMP8112A allows the user to vary such video parame-
ters as Contrast, Brightness, Sharpness, Hue and Color Sat-
uration. These adjustments can be made via the I2C
interface. Contrast, brightness and sharpness are luminance
controls. The full dynamic range of the luminance channel
can be used by selecting the IRE setup cancellation mode.
This mode will remove the IRE setup and blanking level off-
set to take advantage of the full dynamic range of the lumi-
nance processing path. The sharpening filters allow the
enhancement of low, mid and high frequency components of
the luminance signal to compensate for low amplitude video.
Vertical sharpness is also controlled via the I2C interface.
Hue and Color saturation controls enhance the CbCr compo-
nents of the incoming video, all under user control.
Luminance Adjustments
The Luminance data can be adjusted in the HMP8112A. The
user can adjust brightness and contrast of the Y or lumi-
nance data. The user can also set the IRE or setup subtrac-
tion value to eliminate the black pedestal offset from NTSC
signals. The Contrast adjustment range can exceed a value
of one so as to take full advantage of the 8-bit dynamic range
for Y. The user control settings executes the equation
YOUT = (Y - IRE Setup + BRIGHTNESS) x CONTRAST
Brightness
The user can control the brightness of the incoming video by
programming the Brightness register. The brightness adjust-
ment will offset the Y component. The brightness register is
an 8-bit register where the bottom 7 bits are brightness con-
trol and the top bit enables NTSC 7.5 IRE black setup can-
cellation.
When the IRE bit is set (1) for NTSC, then 73 is subtracted
from the Y data. If the IRE bit is cleared (0) for PAL, then 64
is subtracted. The brightness control bits BR[6-0] will
brighten the picture as the value is increased. BR = -64 is the
darkest and BR = +63 is the brightest. The default value of
the register after a RESET is 0 (80H).
Contrast
The contrast adjustment will allow the user to increase and
decrease the gain of the Y data. The contrast factor is an 8-
bit number (as shown below) that ranges from 0 to 1.992.
X.XXXXXXX
The default register value of 1.4766 (0xBD) is calculated as
follows:
Register = Factor * 128 = 1.4766 * 128 = 189 = 0xBD
TABLE 1. COMPATIBLE VIDEO INPUT STANDARDS
STANDARD
COLOR
SUBCARRIER
fSC
27MHz
PLL
Ratio
24.54MHz
PLL
Ratio
FIELDS/
SECOND
VERTICAL
LINES
LINE
FREQUENCY
NOMINAL
BANDWIDTH
BLACK
SETUP TO
BLANK
NTSC
(M)
3.579545MHz
0x87C1
0x955D
60Hz
525
15,734
(
± 0.0003%)
4.2MHz
7.5 IRE
PAL
(B, D, G, H, I)
4.43361875MHz
0xA826
0xB901
50Hz
625
15,625
(
± 0.02%)
5.0MHz
0 IRE
PAL
(M)
3.57561149MHz
0x879B
0x9533
60Hz
525
15,750
(
± 0.0003%)
4.2MHz
7.5 IRE
PAL
(N)
4.43361875MHz
0xA826
0xB901
50Hz
625
15,625
(
± 0.15%)
4.2MHz
7.5 IRE
PAL Special
Combination N
3.58205625MHz
0x97DA
0x9578
50Hz
625
15,750
(
± 0.15%)
4.2MHz
7.5 IRE
IRE BLACK SETUP
+
+
-
X
BRIGHTNESS
CONTRAST
Y DATA
FROM
DECODER
Y’
8
FIGURE 10. LUMINANCE CONTROL SETTINGS PATH
(0 TO 1.999)
(NTSC = 73, PAL = 64)
(-64 TO +63)
HMP8112A


Similar Part No. - HMP8112EVAL2

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HMP8112EVAL2 HARRIS-HMP8112EVAL2 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
More results

Similar Description - HMP8112EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
logo
Renesas Technology Corp
HMP8117 RENESAS-HMP8117 Datasheet
1Mb / 45P
   NTSC/PAL Video Decoder
July 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com