Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6603ACB-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6603ACB-T
Description  Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6603ACB-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6603ACB-T Datasheet HTML 3Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 4Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 5Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 6Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 7Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 8Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 9Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 10Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Since both upper and lower gate capacitance can vary, Figure 8 shows dissipation curves versus lower gate capacitance with
upper gate capacitance held constant at three different values. These curves apply only to the HIP6601A due to power supply
configuration.
Typical Performance Curves
FIGURE 3. POWER DISSIPATION vs LOADING
FIGURE 4. POWER DISSIPATION vs FREQUENCY (HIP6603A)
FIGURE 5. 3nF LOADING PROFILE (HIP6603A)
FIGURE 6. VARIABLE LOADING PROFILE (HIP6603A)
FIGURE 7. POWER DISSIPATION vs FREQUENCY (HIP6601A)
FIGURE 8. POWER DISSIPATION vs LOWER GATE
CAPACITANCE FOR FIXED VALUES OF UPPER
GATE CAPACITANCE
1000
800
600
400
200
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE (CU = CL) (nF)
0
VCC = PVCC = 12V
FREQUENCY
= 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
VCC = 12V, PVCC = 5V
CU = CL = 2nF
CU = CL = 1nF
CU = CL = 5nF
CU = CL = 4nF
CU = CL = 3nF
VCC = 12V, PVCC = 5V
CU = CL = 3nF
CU = 3nF
CU = 0nF
CL = 0nF
CL = 3nF
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
FREQUENCY = 500kHz
FREQUENCY = 1MHz
VCC = 12V,
FREQUENCY = 200kHz
PVCC = 5V
FREQUENCY = 500kHz
400
300
200
100
0
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE = (CU = CL) (nF)
VCC = 12V, PVCC = 5V
FREQUENCY = 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
1000
600
400
200
0
1.0
2.0
3.0
4.0
5.0
800
GATE CAPACITANCE (CU = CL) (nF)
500
400
300
200
1.02.0
3.04.0
5.0
LOWER GATE CAPACITANCE (CL) (nF)
100
VCC = 12V, PVCC = 5V
FREQUENCY = 500kHz
CU = 5nF
CU = 3nF
CU = 1nF
HIP6601A, HIP6603A, HIP6604


Similar Part No. - HIP6603ACB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6603ACB-T RENESAS-HIP6603ACB-T Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
More results

Similar Description - HIP6603ACB-T

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com