Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM-65262883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HM-65262883
Description  16K x 1 Asynchronous CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-65262883 Datasheet(HTML) 5 Page - Intersil Corporation

  HM-65262883 Datasheet HTML 1Page - Intersil Corporation HM-65262883 Datasheet HTML 2Page - Intersil Corporation HM-65262883 Datasheet HTML 3Page - Intersil Corporation HM-65262883 Datasheet HTML 4Page - Intersil Corporation HM-65262883 Datasheet HTML 5Page - Intersil Corporation HM-65262883 Datasheet HTML 6Page - Intersil Corporation HM-65262883 Datasheet HTML 7Page - Intersil Corporation HM-65262883 Datasheet HTML 8Page - Intersil Corporation HM-65262883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
208
Write Enable to Output in High Z
(18)
TWLQZ
VCC = 4.5V and 5.5V
1
-55oC
≤ TA ≤ +125oC
-
40
ns
Write Enable High to Output ON
(19)
TWHQX
VCC = 4.5V and 5.5V
1
-55oC
≤ TA ≤ +125oC0
-
ns
Chip Enable to Output ON
(20)
TELQX
VCC = 4.5V and 5.5V
1
-55oC
≤ TA ≤ +125oC5
-
ns
Output Enable High to Output in
High Z
(21) TEHQZ
VCC = 4.5V and 5.5V
1
-55oC
≤ TA ≤ +125oC
-
40
ns
Chip Disable to Output Hold Time
(22) TE-
HQX
VCC = 4.5V and 5.5V
1
-55oC
≤ TA ≤+125oC5
-ns
Address Invalid Output Hold Time
(23) TAXQX
VCC = 4.5V and 5.5V
1
-55oC
≤ TA ≤ +125oC5
-
ns
High Level Output Voltage
(24) VOH2
VCC = 4.5V, IO = -100mA
1
-55oC
≤ TA
+125oC-
VCC -0.4V
-
V
NOTES:
1. The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are
characterized upon initial design release and upon design changes which would affect these characteristics.
2. Applies to DIP device types only.
3. Applies to LCC device types only.
TABLE 3. HM-65262/883 ELECTRICAL PERFORMANCE SPECIFICATIONS, AC AND DC (Continued)
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
TABLE 4. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
1, 7, 9
PDA
100%/5004
1
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A
Samples/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Groups C & D
Samples/5005
1, 7, 9
HM-65262/883


Similar Part No. - HM-65262883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262 INTERSIL-HM-65262 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results

Similar Description - HM-65262883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
   16K CMOS STATIC RAM
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com