Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-83C55RH Datasheet(PDF) 11 Page - Intersil Corporation

Part # HS-83C55RH
Description  Radiation Hardened 16K Bit CMOS ROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-83C55RH Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HS-83C55RH Datasheet HTML 4Page - Intersil Corporation HS-83C55RH Datasheet HTML 5Page - Intersil Corporation HS-83C55RH Datasheet HTML 6Page - Intersil Corporation HS-83C55RH Datasheet HTML 7Page - Intersil Corporation HS-83C55RH Datasheet HTML 8Page - Intersil Corporation HS-83C55RH Datasheet HTML 9Page - Intersil Corporation HS-83C55RH Datasheet HTML 10Page - Intersil Corporation HS-83C55RH Datasheet HTML 11Page - Intersil Corporation HS-83C55RH Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11-11
HS-83C55RH
Functional Description
ROM Section
The HS-83C55RH contains an 8-bit address latch which
allows it to interface directly to the HS-80C85RH Micropro-
cessor without additional hardware.
The R0M section of the Chip is addressed by an 11-bit
address and the Chip Enables. The address and levels on
the Chip Enable pins are latched into the address latches on
the falling edge of ALE. If the latched Chip Enables are
active and IO/M is low when RD goes low, the contents of
the R0M location addressed by the latched address are put
out through AD0-7 output buffers.
I/O Section
The I/O section of the chip is addressed by the latched value
of AD0-1. Two 8-bit Data Direction Registers (DDR) in the
HS-83C55RH determine the input/output status of each pin
in the corresponding ports. A “O” in a particular bit position of
a DDR signifies that the corresponding I/O port bit is in the
input mode. A “1” in a particular bit position signifies that the
corresponding I/O port bit is in the output mode. In this
manner the I/O ports of the HS-83C55RH are bit-by-bit
programmable as inputs or outputs. The table summarizes
port and DDR designation. DDR’s Cannot be read.
When IOW goes low and the Chip Enables are active, the
data on the AD0-7 is written into the I/O port selected by the
latched value of AD0-1. During this operation all I/O bits of
selected port are affected, regardless of their I/O mode and
the state of IO/M. The actual output level does not change
until IOW returns high (glitch free output). A port can be read
out when the latched Chip Enables are active and either RD
goes low with IO/M high, or IOR goes low. Both input and
output mode bits of a selected port will appear on lines
AD0-7.
To clarify the function of the I/O ports and Data Direction
Registers, Figure 1 shows the configuration of one bit of
PORT A and DDR A. The same logic applies to PORT B and
DDR B.
Note that hardware RESET or writing a zero to the DDR
latch will cause the output latch’s output buffer to be dis-
abled, preventing the data in the output latch from being
passed through to the pin. This is equivalent to putting the
port in the input mode. Note also that the data can be written
to the Output Latch even though the Output Buffer has been
disabled. This enables a port to be initialized with a value
prior to enabling the output.
Figure 1 also shows that the contents of PORT A and PORT
B can be read even when the ports are configured as out-
puts.
System Interface with HS-8OC85RH
A system using the HS-83C55RH can use either one of the
two I/O Interface techniques:
• Standard I/O
• Memory Mapped I/O
If a standard I/O technique is used, the system can use the
feature of both CE2 and CE1. By using a combination of
unused address lines A11-15 and the Chip Enable inputs,
the system can use up to 5 each HS-83C55RHs without
requiring a CE decoder. See Figure 3.
If a memory mapped I/O approach is used the HS-83C55RH
will be selected by the combination of both the Chip Enables
and IO/M using AD8-15 address lines. See Figure 2.
FIGURE 1. HS-83C55RH ONE BIT OF PORT A AND DDR A
FIGURE 2. HS-83C55RH IN HS-80C85RH SYSTEM (MEMO-
RY\MAPPED I/O)
AD1
AD0
Selection
0
0
Port A
01
Port B
1
0
Port A Data Direction Register (DDR A)
1
1
Port B Data Direction Register (DDR B)
Write PA = (IOW = 0) (Chip Enables Active) (Port A Address Selected)
Write DDR A = (IOW = 0) (Chip Enables Active) (DDR A Address Selected)
Read PA = {[(IO/M = 1) (RD = 0)] + (IOR = 0)} (Chip Enables Active)
(Port A Address Selected)
NOTE: Write PA is not qualified by IO/M.
ONE BIT OF PORT A AND DDR A:
HS-83C55RH
D0
OUTPUT
LATCH
CLK
DQ
DDR
LATCH
CLK
DQ
CLR
D0
D0
WRITE PA
RESET
WRITE DDR A
OUTPUT
ENABLE
READ PA
PA0
PIN
HS-83C55RH
A8-15
VDD
HS-83C55RH
ALE
RD
WR
IO/M
READY
CLK (
φ2)
VDD
AD0-7


Similar Part No. - HS-83C55RH

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-830 NEL-HS-830 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
More results

Similar Description - HS-83C55RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Zilog, Inc.
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
logo
Intersil Corporation
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com