Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-565BRH Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS-565BRH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-565BRH Datasheet(HTML) 6 Page - Intersil Corporation

  HS-565BRH Datasheet HTML 1Page - Intersil Corporation HS-565BRH Datasheet HTML 2Page - Intersil Corporation HS-565BRH Datasheet HTML 3Page - Intersil Corporation HS-565BRH Datasheet HTML 4Page - Intersil Corporation HS-565BRH Datasheet HTML 5Page - Intersil Corporation HS-565BRH Datasheet HTML 6Page - Intersil Corporation HS-565BRH Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Other Considerations
Grounds
The HS-565BRH has two ground terminals, pin 5 (REF GND)
and pin 12 (PWR GND). These should not be tied together
near the package unless that point is also the system signal
ground to which all returns are connected. (If such a point
exists, then separate paths are required to pins 5 and 12).
The current through pin 5 is near zero DC (Note); but pin 12
carries up to 1.75mA of code - dependent current from bits
1, 2, and 3. The general rule is to connect pin 5 directly to
the system “quiet” point, usually called signal or analog
ground. Connect pin 12 to the local digital or power ground.
Then, of course, a single path must connect the
analog/signal and digital/power grounds.
NOTE: Current cancellation is a two step process within the
HS-565BRH in which code dependent variations are eliminated, the
resulting DC current is supplied internally. First an auxiliary 9-bit
R-2R ladder is driven by the complement of the DACs input code.
Together, the main and auxiliary ladders draw a continuous 2.25mA
from the internal ground node, regardless of input code. Part of the
DC current is supplied by the zener voltage reference, and the
remainder is sourced from the positive supply via a current mirror
which is laser trimmed for zero current through the external terminal
(pin 5).
Layout
Connections to pin 9 (IOUT) on the HS-565BRH are most
critical for high speed performance. Output capacitance of the
DAC is only 20pF, so a small change of additional
capacitance may alter the op amp’s stability and affect settling
time. Connections to pin 9 should be short and few.
Component leads should be short on the side connecting to
pin 9 (as for feedback capacitor C). See the Settling Time
section.
Bypass Capacitors
Power supply bypass capacitors on the op amp will serve
the HS-565BRH also. If no op amp is used, a 0.01
µF
ceramic capacitor from each supply terminal to pin 12 is
sufficient, since supply current variations are small.
FIGURE 3A. .
FIGURE 3B.
VLSB
SUPPLY
0.1
µF
DVM
COMPARATOR
OUT
B
C
10
90
200K
+
-
5
9
10
NC
11
8
2.5K
5K
5K
20V
± 20%
BIAS
TURN ON
TURN OFF
9.95K
2mA
12
HS-565BRH
D
PULSE
GENERATOR
NO. 2
OUT
14
13
23
24
.
.
.
.
.
.
.
.
.
.
.
.
.
5V
P
PULSE
GENERATOR
NO. 1
SYNC
IN
TRIG
OUT
OUT
A
~100
kHz
STROBE IN
LSB
50%
DIGITAL
INPUT
DAC
OUTPUT
COMP.
STROBE
COMP.
OUT
“EQUAL BRIGHTNESS”
+3V
0V
0V
-400mV
2V
0.8V
4V
0V
(TURN OFF)
A
B
C
D
50%
tX
tD = COMPARATOR DELAY
SETTLING TIME
-0.50LSB
HS-565BRH


Similar Part No. - HS-565BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS-565BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com