Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX25896 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX25896
Description  Single-Chip, High-Performance (DVI) Digital Video Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25896 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX25896 Datasheet HTML 1Page - Synaptics Incorporated. CX25896 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2003, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant
logo are registered trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. THIS MATERIAL IS PROVIDED AS IS AND WITHOUT
ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE AND NON-INFRINGEMENT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
Convergence Video
Video Encoders/Decoders
03-0909
CX25894/5/6 Features
CX25894
• Single-Link DVI 1.0 Transmitter
• Programmable impedance matching
• Scalable low voltage graphics controller interface
from 3.3v down to 0.8v
• DVI data rate from 25 MHz to 165 MHz
• DVI resolutions from 640 x 350 to 1600 x 1200
(60 Hz refresh)
• Single-ended or differential clocking
• Multiple industry-standard digital input
formats:
- 15/16-bit RGB multiplexed
- 24-bit RGB multiplexed (standard and alternate)
• Serial data in transmission minimized differential
signaling (TMDS) output
• Programmable and pin-based power down modes
• Generates half clock pattern and pseudo-random
sequence pattern internally
• Hot-plug detection of flat-panel (FD) monitor
• 2-wire serial programming interface
CX25895
Same features as the CX25894 plus:
• Dual-link DVI supports DVI resolutions from
1600 x 1200 to 2048 x 1536 (maximum)
• Two simultaneous concurrent DVI links
(same content) up to 1600 x 1200
• Two concurrent DVI links (different content)
up to 1600 x 1200
• High-Resolution DVI 1.0 Support
• 1080i, 720p, 480p ATSC resolutions
CX25896
Same features as the CX25895 plus:
• High-bandwidth Digital Content Protection
(HDCP) support
CX25894/5/6 Applications
• Notebook PC
• Graphics card
• Set-top Box
• Game console
• DVD player
www.conexant.com
General Information:
U.S. and Canada: (800) 854-8099
International: (949) 483-6996
Headquarters – Newport Beach
4000 MacArthur Blvd, P.O. Box C
Newport Beach, CA 92660-3095
Order# 102227A
�������������
�������
������
�����
�����
����
��������
������
����������
���������
�������
�����
������
������
������
������
������
���������
�����������
������
��������������
�����������
������
���
����������
������
������������
�����
�������
�������
�������
��� ���
�����
CX25894 Block Diagram
�������������
�������
������
������
��������
����������
���������
�������
�����
������
������
������
������
������
������
������
������
��������������
��������������
�����������
������
�����������
������
���
����������
������
�����������
������
�����������
������
���
����������
������
������������
��������
�����
�������
�������
�������
�������
�������
�������
�����
�����
�����
����
�����
������
������
���������
���
���
CX25895 Block Diagram
�������������
�������
������ ������
�����
�����
����
��������
����������
���������
�������
�����
�����
�����
������
������
������
������
������
������
������
������
�����������
���������
��������������
��������������
�����������
������
�����������
������
���
����������
������
�����������
������
�����������
������
���
����������
������
������������
��������
�����
�������
�������
�������
�������
�������
�������
������� �������
�����
�����
������
������
���������
��� ���
CX25896 Block Diagram


Similar Part No. - CX25896

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25820 CONEXANT-CX25820 Datasheet
1Mb / 2P
   PCI-Express Media Bridge
CX25822 CONEXANT-CX25822 Datasheet
1Mb / 2P
   960H PCI-Express Media Bridge
CX25824 CONEXANT-CX25824 Datasheet
2Mb / 2P
   4-Channel Video/Audio Decoder with Integrated Audio DAC
CX25828 CONEXANT-CX25828 Datasheet
2Mb / 2P
   8-Channel Video/Audio Decoder with Integrated Audio DAC
CX25834 CONEXANT-CX25834 Datasheet
730Kb / 4P
   Supports NTSC/PAL/SECAM video input
More results

Similar Description - CX25896

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com