Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP5.0A Datasheet(PDF) 3 Page - Formosa MS

Part # 5KP5.0A
Description  GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

5KP5.0A Datasheet(HTML) 3 Page - Formosa MS

  5KP5.0A Datasheet HTML 1Page - Formosa MS 5KP5.0A Datasheet HTML 2Page - Formosa MS 5KP5.0A Datasheet HTML 3Page - Formosa MS 5KP5.0A Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-NOV.11.2003
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
A
u
A
u
V
A
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
5
3
4
P
K
5
C
3
4
P
K
5
3
4
0
8
.
7
4
0
5
.
0
6
0
.
5
0
1
0
1
7
.
6
7
5
6
A
3
4
P
K
5
A
C
3
4
P
K
5
3
4
0
8
.
7
4
0
9
.
4
5
0
.
5
0
1
0
1
4
.
9
6
2
7
5
4
P
K
5
C
5
4
P
K
5
5
4
0
0
.
0
5
0
3
.
3
6
0
.
5
0
1
0
1
3
.
0
8
2
6
A
5
4
P
K
5
A
C
5
4
P
K
5
5
4
0
0
.
0
5
0
5
.
7
5
0
.
5
0
1
0
1
7
.
2
7
9
6
8
4
P
K
5
C
8
4
P
K
5
8
4
0
3
.
3
5
0
5
.
7
6
0
.
5
0
1
0
1
5
.
5
8
8
5
A
8
4
P
K
5
A
C
8
4
P
K
5
8
4
0
3
.
3
5
0
3
.
1
6
0
.
5
0
1
0
1
4
.
7
7
5
6
1
5
P
K
5
C
1
5
P
K
5
1
5
0
7
.
6
5
0
8
.
1
7
0
.
5
0
1
0
1
1
.
1
9
5
5
A
1
5
P
K
5
A
C
1
5
P
K
5
1
5
0
7
.
6
5
0
2
.
5
6
0
.
5
0
1
0
1
4
.
2
8
1
6
4
5
P
K
5
C
4
5
P
K
5
4
5
0
0
.
0
6
0
0
.
6
7
0
.
5
0
1
0
1
3
.
6
9
2
5
A
4
5
P
K
5
A
C
4
5
P
K
5
4
5
0
0
.
0
6
0
0
.
9
6
0
.
5
0
1
0
1
1
.
7
8
7
5
8
5
P
K
5
C
8
5
P
K
5
8
5
0
4
.
4
6
0
6
.
1
8
0
.
5
0
1
0
1
3
0
1
9
4
A
8
5
P
K
5
A
C
8
5
P
K
5
8
5
0
4
.
4
6
0
1
.
4
7
0
.
5
0
1
0
1
6
.
3
9
3
5
0
6
P
K
5
C
0
6
P
K
5
0
6
0
7
.
6
6
0
5
.
4
8
0
.
5
0
1
0
1
7
0
1
7
4
A
0
6
P
K
5
A
C
0
6
P
K
5
0
6
0
7
.
6
6
0
7
.
6
7
0
.
5
0
1
0
1
8
.
6
9
2
5
4
6
P
K
5
C
4
6
P
K
5
4
6
0
1
.
1
7
0
1
.
0
9
0
.
5
0
1
0
1
4
1
1
4
4
A
4
6
P
K
5
A
C
4
6
P
K
5
4
6
0
1
.
1
7
0
8
.
1
8
0
.
5
0
1
0
1
3
0
1
9
4
0
7
P
K
5
C
0
7
P
K
5
0
7
0
8
.
7
7
0
6
.
8
9
0
.
5
0
1
0
1
5
2
1
0
4
A
0
7
P
K
5
A
C
0
7
P
K
5
0
7
0
8
.
7
7
0
5
.
9
8
0
.
5
0
1
0
1
3
1
1
4
4
5
7
P
K
5
C
5
7
P
K
5
5
7
0
3
.
3
8
7
.
5
0
1
0
.
5
0
1
0
1
4
3
1
7
3
A
5
7
P
K
5
A
C
5
7
P
K
5
5
7
0
3
.
3
8
0
8
.
5
9
0
.
5
0
1
0
1
1
2
1
1
4
8
7
P
K
5
C
8
7
P
K
5
8
7
0
7
.
6
8
8
.
9
0
1
0
.
5
0
1
0
1
9
3
1
6
3
A
8
7
P
K
5
A
C
8
7
P
K
5
8
7
0
7
.
6
8
7
.
9
9
0
.
5
0
1
0
1
6
2
1
0
4
5
8
P
K
5
C
5
8
P
K
5
5
8
0
4
.
4
9
2
.
9
1
1
0
.
5
0
1
0
1
1
5
1
3
3
A
5
8
P
K
5
A
C
5
8
P
K
5
5
8
0
4
.
4
9
2
.
8
0
1
0
.
5
0
1
0
1
7
3
1
6
3
0
9
P
K
5
C
0
9
P
K
5
0
9
0
0
1
5
.
6
2
1
0
.
5
0
1
0
1
0
6
1
1
3
A
0
9
P
K
5
A
C
0
9
P
K
5
0
9
0
0
1
5
.
5
1
1
0
.
5
0
1
0
1
6
4
1
4
3
0
0
1
P
K
5
C
0
0
1
P
K
5
0
0
1
1
1
1
0
.
1
4
1
0
.
5
0
1
0
1
9
7
1
8
2
A
0
0
1
P
K
5
A
C
0
0
1
P
K
5
0
0
1
1
1
1
0
.
8
2
1
0
.
5
0
1
0
1
2
6
1
1
3
0
1
1
P
K
5
C
0
1
1
P
K
5
0
1
1
2
2
1
5
.
4
5
1
0
.
5
0
1
0
1
6
9
1
6
2
A
0
1
1
P
K
5
A
C
0
1
1
P
K
5
0
1
1
2
2
1
5
.
0
4
1
0
.
5
0
1
0
1
7
7
1
8
2
0
2
1
P
K
5
C
0
2
1
P
K
5
0
2
1
3
3
1
0
.
9
6
1
0
.
5
0
1
0
1
4
1
2
3
2
A
0
2
1
P
K
5
A
C
0
2
1
P
K
5
0
2
1
3
3
1
0
.
3
5
1
0
.
5
0
1
0
1
3
9
1
0
2
0
3
1
P
K
5
C
0
3
1
P
K
5
0
3
1
4
4
1
5
.
2
8
1
0
.
5
0
1
0
1
1
3
2
2
2
A
0
3
1
P
K
5
A
C
0
3
1
P
K
5
0
3
1
4
4
1
5
.
5
6
1
0
.
5
0
1
0
1
9
0
2
4
2
0
5
1
P
K
5
C
0
5
1
P
K
5
0
5
1
7
6
1
5
.
1
1
2
0
.
5
0
1
0
1
8
6
2
9
1
A
0
5
1
P
K
5
A
C
0
5
1
P
K
5
0
5
1
7
6
1
5
.
2
9
1
0
.
5
0
1
0
1
3
4
2
1
2
0
6
1
P
K
5
C
0
6
1
P
K
5
0
6
1
8
7
1
0
.
6
2
2
0
.
5
0
1
0
1
7
8
2
7
1
A
0
6
1
P
K
5
A
C
0
6
1
P
K
5
0
6
1
8
7
1
0
.
5
0
2
0
.
5
0
1
0
1
9
5
2
9
1
0
7
1
P
K
5
C
0
7
1
P
K
5
0
7
1
9
8
1
5
.
9
3
2
0
.
5
0
1
0
1
4
0
3
6
1
A
0
7
1
P
K
5
A
C
0
7
1
P
K
5
0
7
1
9
8
1
5
.
7
1
2
0
.
5
0
1
0
1
5
7
2
8
1
0
8
1
P
K
5
C
0
8
1
P
K
5
0
8
1
8
9
1
8
.
3
5
2
0
.
1
0
1
0
1
2
2
3
6
1
A
0
8
1
P
K
5
A
C
0
8
1
P
K
5
0
8
1
8
9
1
4
.
0
3
2
0
.
1
0
1
0
1
2
9
2
7
1
0
9
1
P
K
5
C
0
9
1
P
K
5
0
9
1
9
0
2
9
.
7
6
2
0
.
1
0
1
0
1
0
4
3
5
1
A
0
9
1
P
K
5
A
C
0
9
1
P
K
5
0
9
1
9
0
2
2
.
3
4
2
0
.
1
0
1
0
1
8
0
3
6
1
0
0
2
P
K
5
C
0
0
2
P
K
5
0
0
2
0
2
2
0
.
2
8
2
0
.
1
0
1
0
1
8
5
3
4
1
A
0
0
2
P
K
5
A
C
0
0
2
P
K
5
0
0
2
0
2
2
0
.
6
5
2
0
.
1
0
1
0
1
4
2
3
5
1
0
1
2
P
K
5
C
0
1
2
P
K
5
0
1
2
1
3
2
1
.
6
9
2
0
.
1
0
1
0
1
6
7
3
3
1
A
0
1
2
P
K
5
A
C
0
1
2
P
K
5
0
1
2
1
3
2
8
.
8
6
2
0
.
1
0
1
0
1
0
4
3
5
1
0
2
2
P
K
5
C
0
2
2
P
K
5
0
2
2
2
4
2
2
.
0
1
3
0
.
1
0
1
0
1
4
9
3
3
1
A
0
2
2
P
K
5
A
C
0
2
2
P
K
5
0
2
2
2
4
2
6
.
1
8
2
0
.
1
0
1
0
1
6
5
3
4
1


Similar Part No. - 5KP5.0A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0A DIGITRON-5KP5.0A Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
5KP5.0A SURGE-5KP5.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Shunye Electro...
5KP5.0A SHUNYE-5KP5.0A Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP5.0A LUGUANG-5KP5.0A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
TAITRON Components Inco...
5KP5.0A TAITRON-5KP5.0A Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
More results

Similar Description - 5KP5.0A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6SBMJ6.8APT CHENMKO-P6SBMJ6.8APT Datasheet
102Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
SA5.0 CHENG-YI-SA5.0 Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE CHENG-YI-P6KE Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
ICTE-5 MDE-ICTE-5 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com