Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-1840RH-Q Datasheet(PDF) 3 Page - Harris Corporation

Part # HS1-1840RH-Q
Description  Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HS1-1840RH-Q Datasheet(HTML) 3 Page - Harris Corporation

  HS1-1840RH-Q Datasheet HTML 1Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 2Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 3Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 4Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 5Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 6Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 7Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 8Page - Harris Corporation HS1-1840RH-Q Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Specifications HS-1840RH
Absolute Maximum Ratings
Reliability Information
Supply Voltage Between Pins 1 and 27 . . . . . . . . . . . . . . . . . . +40V
+VSUPPLY to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +20V
-VSUPPLY to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-20V
VREF to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +20V
Analog Input Overvoltage
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +25V (Power On/Off)
-VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V (Power On/Off)
Digital Input Overvoltage
+VEN, +VA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VREF +4V
-VEN, -VA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -4V
Continuous Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +275oC
Thermal Resistance . . . . . . . . . . . . . . . . . .
θJA
θJC
Sidebraze Package . . . . . . . . . . . . . . . . .
83.1oC/W 19.1oC/W
Flatpack Package . . . . . . . . . . . . . . . . . .
49.1oC/W 16.5oC/W
Total Power Dissipation (Note)
Sidebraze CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . 1600mW
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . 1400mW
ESD Classification. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
NOTE: For DIP Derate 20.4mW/oC above TA = +95
oC
For Flatpack Derate 18.5mW/oC above TA = +95
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Supply Voltage (
±VSUPPLY) . . . . . . . . . . . . . . . . . . . . ±15V
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
VREF (Pin 13) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
Logic Low Level (VAL). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.8V
Logic High Level (VAH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.0V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Guaranteed and 100% Tested. Unless Otherwise Specified: V- = -15V, V+ = +15V, VREF = +5V, VAH = +4.0V, VAL = 0.8V
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Analog Signal Range
VS
7, 8A, 8B
-55oC, +25oC,
+125oC
-5
+15
V
Input Leakage
Current, Address, or
Enable Pins
IAH
IAL
Measure Inputs Sequentially
Ground All Unused Pins
1, 2, 3
-55oC, +25oC,
+125oC
-1000
1000
nA
Leakage Current Into
the Source Terminal of
an “Off” Switch
+IS(OFF)
VS = +10V, All Unused Inputs
and Output = -10V, VEN = 4V
1
+25oC
-10
10
nA
2, 3
+125oC,-55oC
-100
100
nA
-IS(OFF)
VS = -10V, All Unused Inputs,
Output = +10V, VEN = 4V
1
+25oC
-10
10
nA
2, 3
+125oC, -55oC
-100
100
nA
Leakage Current into
the Source Terminal of
an “Off” Switch With
Power “Off”
+IS(OFF)
Power Off
V+, V-, VREF, A0, A1, A2, A3,A4,
EN = GND, Unused Inputs Tied to
GND, VS = +25V
1
+25oC
-50
50
nA
2, 3
+125oC, -55oC
-100
100
nA
Leakage Current Into
the Source Terminal of
an “Off” Switch With
Overvoltage Applied
+IS(OFF)
Overvoltage
VS = +25V, VD = 0V, VEN = 4V
All Unused Inputs Tied to GND
1, 2, 3
-55oC, +25oC,
+125oC
-1000
1000
nA
-IS(OFF)
Overvoltage
VS = -25V, VD = 0V, VEN = 4V All
Unused Inputs Tied to GND
1, 2, 3
-55oC, +25oC,
+125oC
-1000
1000
nA
Leakage Current Into
the Drain Terminal of
an “Off” Switch
+ID(OFF)
VD = +10V, VEN = 4V All Unused
Inputs = -10V
1
+25oC
-10
10
nA
2, 3
+125oC, -55oC
-100
100
nA
-ID(OFF)
VD = -10V, VEN = 4V All Unused
Inputs = +10V
1
+25oC
-10
10
nA
2, 3
+125oC, -55oC
-100
100
nA
Leakage Current Into
the Drain Terminal of
an “Off” Switch With
Overvoltage Applied
+ID(OFF)
Overvoltage
VS = +25V, Measure VD,
VEN = 4V, All Unused Inputs to
GND
1, 2, 3
-55oC, +25oC,
+125oC
-1000
1000
nA
-ID(OFF)
Overvoltage
VS = -25V, Measure VD,
All Unused Inputs to GND
1, 2, 3
-55oC, +25oC,
+125oC
-1000
1000
nA
Spec Number
518022


Similar Part No. - HS1-1840RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-1840ARH INTERSIL-HS1-1840ARH Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS1-1840ARH INTERSIL-HS1-1840ARH Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS1-1840ARH INTERSIL-HS1-1840ARH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
List of Unclassifed Man...
HS1-1840ARH-Q ETC2-HS1-1840ARH-Q Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
logo
Intersil Corporation
HS1-1840ARH-T INTERSIL-HS1-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
More results

Similar Description - HS1-1840RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840BEH INTERSIL-HS-1840BEH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
   RAD-HARD 8 CHANNEL MULTIPLEXER
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com