Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS0-565BRH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS0-565BRH-Q
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-565BRH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS0-565BRH-Q Datasheet HTML 1Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 2Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 3Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 4Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 5Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 6Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN4607.3
HS-565BRH
Radiation Hardened High Speed,
Monolithic Digital-to-Analog Converter
The HS-565BRH is a fast, radiation hardened 12-bit current
output, digital-to-analog converter. This part replaces the
HS-565ARH, which is no longer available. The monolithic
chip includes a precision voltage reference, thin-film R-2R
ladder, reference control amplifier and twelve high-speed
bipolar current switches.
The Intersil Corporation Dielectric Isolation process provides
latch-up free operation while minimizing stray capacitance
and leakage currents, to produce an excellent combination
of speed and accuracy. Also, ground currents are minimized
to produce a low and constant current through the ground
terminal, which reduces error due to code-dependent ground
currents.
HS-565BRH die are laser trimmed for a maximum integral
nonlinearity error of
±0.25 LSB at 25oC. In addition, the low
noise buried zener reference is trimmed both for absolute
value and minimum temperature coefficient.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96755. A “hot-link” is provided
on our website for downloading.
Features
• Electrically Screened to SMD # 5962-96755
• QML Qualified per MIL-PRF-38535 Requirements
• Total Dose . . . . . . . . . . . . . . . . . . . . . 100 krad (Si) (Max)
• DAC and Reference on a Single Chip
• Pin Compatible with AD-565A and HI-565A
• Very High Speed: Settles to 0.50 LSB in 500ns Max
• Monotonicity Guaranteed Over Temperature
• 0.50 LSB Max Nonlinearity Guaranteed Over Temperature
• Low Gain Drift
(Max., DAC Plus Reference) . . . . . . . . . . . . . . . 50ppm/oC
±0.75 LSB Accuracy Guaranteed Over Temperature
(
±0.125 LSB Typical at 25oC)
Applications
• High Speed A/D Converters
• Precision Instrumentation
• Signal Reconstruction
Functional Diagram
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R9675502V9A
HS0-565BRH-Q
25
5962R9675502VJC
HS1-565BRH-Q
-55 to 125
5962R9675502VXC
HS9-565BRH-Q
-55 to 125
HS9-565BRH/PROTO
HS9-565BRH/PROTO
-55 to 125
REF OUT VCC
43
+
-
19.95K
REF
10V
6
5
REF
+
-
3.5K
3K
IREF
0.5mA
-VEE
PWR
GND
712
24 . . . 13
MSB LSB
(4X IREF
X CODE)
GND
IN
20V
SPAN
10V
SPAN
OUT
IO
DAC
9.95K
BIP.
OFF.
8
5K
5K
2.5K
11
10
9
Data Sheet
January 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HS0-565BRH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS0-565BRH-Q INTERSIL-HS0-565BRH-Q Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS0-565BRH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com