Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43168883 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP43168883
Description  Dual FIR Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43168883 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP43168883 Datasheet HTML 2Page - Intersil Corporation HSP43168883 Datasheet HTML 3Page - Intersil Corporation HSP43168883 Datasheet HTML 4Page - Intersil Corporation HSP43168883 Datasheet HTML 5Page - Intersil Corporation HSP43168883 Datasheet HTML 6Page - Intersil Corporation HSP43168883 Datasheet HTML 7Page - Intersil Corporation HSP43168883 Datasheet HTML 8Page - Intersil Corporation HSP43168883 Datasheet HTML 9Page - Intersil Corporation HSP43168883 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Burn-In Circuit
84 PIN PGA
BOTTOM VIEW
NOTES:
1. VCC/2 (2.7V ±10%) used for outputs only.
2. 47K
Ω (±20%) resistor connected to all pins except VCC and GND.
3. VCC = 5.5 ±0.5V.
4. 0.1
µf (Min) capacitor between VCC and GND per position.
5. F0 = 100KHz
±10%, F1 = F0/2, F2 = F1/2. . . , F16 = F15/2,
40 to 60% duty cycle.
6. Input voltage limits:
VIL = 0.8V Max, VIH = 4.5 ±10%.
11
10
987
6
5
4
3
2
1
11
10
987
6
5
4
3
2
1
B
A
C
D
E
F
G
H
J
K
L
B
A
C
D
E
F
G
H
J
K
L
PIN 'A1'
ID
CSEL0
CSEL2
CIN9
VCC
A4
A1
GND
OUT15 OUT14 OUT12 OUT10 OUT11
INB1
INB4
INB5
INB6
INA1
INB7
GND
INB2
OUT13
INB0
OUT16
OUT9
ACCEN
MUX0 MUX1
GND
A0
A5
A7
CSEL1 CSEL3 CSEL4 CIN8
CIN5
CIN6
CIN4
GND
VCC
VCC
INB3
INA2
INA3
INA4
INA7
INA5
INA8
INA9
CIN2
CIN1
INA6
CIN0
VCC
CIN3
A8
A6
A2
A3
VCC
RVRS
WR
CIN7
SHFT
TXFR FWRD
OEH
GND
CLK
OUT27 OUT22 OUT26
OUT24 OUT23 OUT25
OUT21 OUT20
OUT19 OUT17
OEL
OUT18
INB9
INB8
INA0
EN
HSP43168/883


Similar Part No. - HSP43168883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168JC-33 INTERSIL-HSP43168JC-33 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168JC-33 INTERSIL-HSP43168JC-33 Datasheet
915Kb / 25P
   Dual FIR Filter
More results

Similar Description - HSP43168883

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
logo
LOGIC Devices Incorpora...
LF43168 LODEV-LF43168 Datasheet
184Kb / 16P
   Dual 8-Tap FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
   Dual Channel, Differential Input FIR Filter Platform
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com