Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50214VC Datasheet(PDF) 7 Page - Intersil Corporation

Part # HSP50214VC
Description  Programmable Downconverter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214VC Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HSP50214VC Datasheet HTML 3Page - Intersil Corporation HSP50214VC Datasheet HTML 4Page - Intersil Corporation HSP50214VC Datasheet HTML 5Page - Intersil Corporation HSP50214VC Datasheet HTML 6Page - Intersil Corporation HSP50214VC Datasheet HTML 7Page - Intersil Corporation HSP50214VC Datasheet HTML 8Page - Intersil Corporation HSP50214VC Datasheet HTML 9Page - Intersil Corporation HSP50214VC Datasheet HTML 10Page - Intersil Corporation HSP50214VC Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
7
Several applications are combinations of frequency and time
domain multiple access schemes. For example, GSM is a
TDMA signal that is frequency hopped. The individual chan-
nels contain Gaussian MSK modulated signals. The PDC
again offers the 0.012Hz tuning resolution for de-hopping the
received signal. The combination of halfband and 256-tap
programmable, 22-bit coefficient FIR filters readily performs
the necessary matched filtering for demodulation and opti-
mum detection of the GMSK signals.
CDMA Based Standards and Applications
For Code Division Multiple Access (CDMA) type signals, the
PDC offers the ability to have a single wideband RF front
end, from which it can select a single spread channel of
interest. The synchronization circuitry provides for easy con-
trol of multiple PDC for applications where multiple received
signals are required, such as base-stations.
In IS-95 CDMA, the receive signal bandwidth is 1.2288MHz
wide with many spread spectrum channel in the band. Each
spread channel is a QPSK signal. The PDC supplies the
downconversion and filtering required to receive a single
spread channel in the presence of strong adjacent interfer-
ence. Multiple PDC’s would be sourced from a single receive
RF chain, each processing a different receive frequency
channel. The despreader would usually follow the PDC. In
some very specific applications, with short, fixed codes, the
filtering and despreading may be possible with innovative
use of the programmable, 22-bit coefficient FIR filter. The
PDC offers 0.012Hz resolution on tuning to the desired
receive channel and excellent rejection of the portions of the
band not being processed, via the halfband and 255-tap pro-
grammable, 22-bit coefficient FIR filter.
Traditional Modulation Formats
AM, ASK, FM and FSK
The PDC has the capability to fully demodulate AM and FM
modulated waveforms. The PDC outputs 15 bits of amplitude or
16 bits of frequency for these modulation formats. The FM dis-
criminator has a 63-tap programmable, 22-bit coefficient FIR fil-
ter for additional signal conditioning of the FM signal. Digital
versions of these formats, ASK and FSK are also readily pro-
cessed using the PDC. Just as in the AM modulated case, ASK
signals will use 15-bit magnitude output of the Cartesian to
Polar Coordinate converter. Multi-tone FSK can be processed
several ways. The frequency information out of the discrimina-
tor can be used to identify the received tone, or the filter can be
used to identify and power detect a specific tone of the received
signal. AMPS is an example of a FM application.
PM and PSK
The PDC provides the downconversion, demodulation,
matched filtering and coordinate conversion required for
demodulation of PM and PSK modulated waveforms. These
modulation formats will require external carrier and symbol
timing recovery loop filters to complete the receiver design.
The PDC was designed to interface with the HSP50210 Dig-
ital Costas Loop to implement the carrier phase and symbol
timing recovery loop filters.
Digital modulation formats that combine amplitude and
phase for symbol mapping, such as m-ary QAM can also be
downconverted, demodulated, and matched filtered. The
received symbol information is provided with 16 bits of reso-
lution in either Cartesian or Polar coordinates to facilitate
remapping into bits and to recover the carrier phase. Exter-
nal Symbol mapping and Carrier Recovery Loop Filtering is
required for this waveform.
Re-Sampling and Interpolation Filters
Two key features of the re-sampling FIR filter are that the
resampler filter allows the output sample rate to be pro-
grammed with millihertz resolution and that the output sam-
ple rate can be phase locked to an independent separate
clock. The resampler frees the front end sampling clocks
from having to be synchronous or integrally related in rate to
the
baseband
output.
The
asynchronous
relationship
between front end and back end clocks is critical in applica-
tions where ISDN interfaces drive the baseband interfaces,
but the channel sample rates are not related in any way. The
interpolation halfband filters can increase the rate of the out-
put when narrow frequency bands are being processed. The
increase in output rate allows maximum use of the program-
mable FIR while preserving time resolution in the baseband
data.
14-Bit Input and Processing Resolution
The PDC maintains a minimum of 14 bits of processing reso-
lution through to the output. Which provides over 84dB of
dynamic range. The 18 bits of resolution on the internal ref-
erences provide a spurious floor that is better than 98dBc.
Furthermore, the PDC provides up to 42dB of gain scaling to
compensate for any change in gain in the RF front end as
well as up to 96dB of gain in the internal PDC AGC. This
gain maximizes the output resolution for small signals and
compensates for changes in the RF front end gain, to handle
changes in the incoming signal.
TABLE 2. CELLULAR BASESTATION APPLICATIONS USING
TDMA
STANDARD
GSM
PCN
IS-54
TYPE
Cellular
Cellular
Cellular
BASESTATION RX
BAND (MHz)
935-960
1805-1880
824-849
CHANNEL BW (kHz)
200
200
30
# TRAFFIC CHANNELS
8163
VOICE MODULATION
GMSK
GMSK
π/4
DPSK
CHANNEL RATE (Kbps)
270.8
270.8
48.6
CONTROL
MODULATION
GMSK
GMSK
π/4
DPSK
CHANNEL RATE (Kbps)
270.8
270.8
48.6
HSP50214


Similar Part No. - HSP50214VC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214AVC INTERSIL-HSP50214AVC Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214AVI INTERSIL-HSP50214AVI Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
1Mb / 62P
   Programmable Downconverter
More results

Similar Description - HSP50214VC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com