Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50214VI Datasheet(PDF) 6 Page - Intersil Corporation

Part # HSP50214VI
Description  Programmable Downconverter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214VI Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HSP50214VI Datasheet HTML 2Page - Intersil Corporation HSP50214VI Datasheet HTML 3Page - Intersil Corporation HSP50214VI Datasheet HTML 4Page - Intersil Corporation HSP50214VI Datasheet HTML 5Page - Intersil Corporation HSP50214VI Datasheet HTML 6Page - Intersil Corporation HSP50214VI Datasheet HTML 7Page - Intersil Corporation HSP50214VI Datasheet HTML 8Page - Intersil Corporation HSP50214VI Datasheet HTML 9Page - Intersil Corporation HSP50214VI Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
6
Functional Description
The HSP50214 Programmable Downconverter (PDC) is an
agile digital tuner designed to meet the requirements of a
wide variety of communications industry standards. The
PDC contains the processing functions needed to convert
sampled IF signals to baseband digital samples. These func-
tions include LO generation/mixing, decimation filtering, pro-
grammable FIR shaping/bandlimiting filtering, re-sampling,
automatic gain control (AGC), frequency discrimination and
detection
as
well
as
multi-chip
synchronization.
The
HSP50214 interfaces directly with a DSP microprocessor to
pass baseband and status data.
A top level functional block diagram of the HSP50214 is
shown in Figure 1. The diagram shows the major blocks and
multiplexers used to reconfigure the data path for various
architectures. The HSP50214 can be broken into 13 sec-
tions: Synchronization, Input, Input Level Detector, Carrier
Mixer/Numerically Control Oscillator (NCO), CIC Decimating
Filter, Halfband Decimating Filter, 255-Tap Programmable
FIR Filter, Automatic Gain Control (AGC), Resampler/Half-
band Filter, Timing NCO, Cartesian to Polar Converter, Dis-
criminator, and Output sections. All of these sections are
configured through a microprocessor interface.
The HSP50214 has three clock inputs; two are required and
one is optional. The input level detector, carrier NCO, and CIC
decimating filter sections operate on the rising edge of the
input clock, CLKIN. The halfband filter, programmable FIR fil-
ter, AGC, Resampler/Halfband filters, timing NCO, discrimina-
tor, and output sections operate on the rising edge of
PROCCLK. The third clock, REFCLK, is used to generate tim-
ing error information.
NOTE: All of the clocks may be asynchronous.
PDC Applications Overview
This section highlights the motivation behind the key program-
mable features from a communications system level perspec-
tive. These motivations will be defined in terms of ability to
provide DSP processing capability for specific modulation for-
mats and communication applications. The versatility of the
Programmable Downconverter can be intimidating because of
the many Control Words required for chip configuration. This
section provides system level insight to help allay reservations
about this versatile DSP product. It should help the designer
capitalize on the greatest feature of the PDC - VERSATILITY
THROUGH PROGRAMMABILITY. It is this feature, when fully
understood, that brings the greatest return on design invest-
ment by offering a single receiver design that can process the
many waveforms required in the communications marketplace.
FDM Based Standards and Applications
Table 1 provides an overview of some common frequency
division multiplex (FDM) base station applications to which the
PDC can be applied. The PDC provides excellent selectivity
for frequency division multiple access (FDMA) signals. This
high selectivity is achieved with 0.012Hz resolution frequency
control of the NCO and the sharp filter responses capable
with a 255-tap, 22-bit coefficient FIR filter. The 16-bit resolu-
tion out of the Cartesian to Polar Coordinate converter are
routed to the frequency detector, which is followed by a 63-
tap, 22-bit coefficient FIR filter structure for facilitating FM and
FSK detection. The 14-bit input resolution is the smallest bit
resolution found throughout the conversion and filtering sec-
tions, providing excellent dynamic range in the DSP process-
ing. A unique input gain scaler adds an additional 42dB of
range to the input level variation, to compensate for changes
in the analog RF front end receive equipment. Synchroniza-
tion circuitry allows precise timing control of the base station
reconfiguration for all receive channels simultaneously. Por-
tions of this table were corroborated with reference [2].
TDM Based Standards and Applications
Table 2 provides an overview of some common time division
multiplying (TDM) base station applications to which the
PDC can be applied. For time division multiple access
(TDMA) applications, such as North American TDMA
(IS136), where 30kHz is the received band of interest the
PCS basestation, the PDC offers 0.012Hz frequency resolu-
tion in downconversion in addition to
α = 0.35 matched (pro-
grammable) filtering capability. The
π/4 DPSK modulation
can be processed using the PDC Cartesian to Polar coordi-
nate converter and d
φ/dt detector circuitry or by processing
the I/Q samples in the DSP
µP. The PDC provides the ability
to change the received signal gain and frequency, synchro-
nous with burst timing. The synchronous gain adjustment
allows the user to measure the power of the signal at the A/D
at the end of a burst, and synchronously reload that same
gain value at the arrival of the next user burst.
For applications other than cellular phones (where the pre-
ambles are not changed), the PDC frequency discriminator
output can be used to obtain correlation on the preamble
pattern to aid in burst acquisition.
TABLE 1. CELLULAR PHONE BASE STATION APPLICATIONS
USING FDMA
STANDARD
AMPS
(IS-91)
MCS-L1
MCS-L2
NMT-400
NMT-900
C450
ETACS
NTACS
RX BAND
(MHz)
824-849
925-940
453-458
890-915
451-456
871-904
915-925
CHANNEL
BW (kHz)
30
25.0
12.5
25
12.5
20.0
10.0
25.0
12.5
# TRAFFIC
CHANNELS
832
600
1200
200
1999
222
444
1240
800
VOICE
MODULA-
TION
FM
FM
FM
FM
FM
PEAK
DEVIATION
(kHz)
12
5
5
4
9.5
CONTROL
MODULA-
TION
FSK
FSK
FSK
FSK
FSK
PEAK
DEVIATION
(kHz)
8
4.5
3.5
2.5
6.4
CONTROL
CHANNEL
RATE
(Kbps)
10
0.3
1.2
5.3
8
HSP50214


Similar Part No. - HSP50214VI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214AVC INTERSIL-HSP50214AVC Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214AVI INTERSIL-HSP50214AVI Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
1Mb / 62P
   Programmable Downconverter
More results

Similar Description - HSP50214VI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com