Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTCS138MS Datasheet(PDF) 6 Page - Intersil Corporation

Part # HTCS138MS
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HTCS138MS Datasheet(HTML) 6 Page - Intersil Corporation

  HTCS138MS Datasheet HTML 1Page - Intersil Corporation HTCS138MS Datasheet HTML 2Page - Intersil Corporation HTCS138MS Datasheet HTML 3Page - Intersil Corporation HTCS138MS Datasheet HTML 4Page - Intersil Corporation HTCS138MS Datasheet HTML 5Page - Intersil Corporation HTCS138MS Datasheet HTML 6Page - Intersil Corporation HTCS138MS Datasheet HTML 7Page - Intersil Corporation HTCS138MS Datasheet HTML 8Page - Intersil Corporation HTCS138MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN2462.3
September 12, 2005
Specifications HCTS138MS
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
7, 9 - 15
1 - 6, 8
16
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
7, 9 - 15
8
-
1 - 6, 16
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
4, 5, 8
7, 9 - 15
3, 6, 16
2
1
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω ± 5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 680
Ω ± 5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
7, 9 - 15
8
1 - 6, 16
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω ± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.


Similar Part No. - HTCS138MS

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HTC HOLYSTONECAPS-HTC Datasheet
194Kb / 2P
   High Temperature Capacitors
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
Analog Devices
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTC-0300AM AD-HTC-0300AM Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTC-0300AM/883B AD-HTC-0300AM/883B Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
More results

Similar Description - HTCS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
logo
Renesas Technology Corp
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Intersil Corporation
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com