Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS138KMSR Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS138KMSR
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS138KMSR Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS138KMSR Datasheet HTML 1Page - Intersil Corporation HCTS138KMSR Datasheet HTML 2Page - Intersil Corporation HCTS138KMSR Datasheet HTML 3Page - Intersil Corporation HCTS138KMSR Datasheet HTML 4Page - Intersil Corporation HCTS138KMSR Datasheet HTML 5Page - Intersil Corporation HCTS138KMSR Datasheet HTML 6Page - Intersil Corporation HCTS138KMSR Datasheet HTML 7Page - Intersil Corporation HCTS138KMSR Datasheet HTML 8Page - Intersil Corporation HCTS138KMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
Radiation Hardened Inverting
3-to-8 Line Decoder/Demultiplexer
The Intersil HCTS138MS is a Radiation Hardened 3-to-8 line
Decoder/Demultiplexer. The outputs are active in the low
state. Two active low and one active high enables (E1, E2,
E3) are provided. If the device is enabled, the binary inputs
(A0, A1, A2) determine which one of the eight normally high
outputs will go to a low logic level.
The HCTS138MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS138MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
-VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A1
A2
E1
E2
E3
GND
Y7
VCC
Y1
Y2
Y3
Y4
Y5
Y6
Y0
A0
A1
A2
E1
E2
E3
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Ordering Information
PART NUMBER
TEMP
RANGE
SCREENING
LEVEL
PACKAGE
HCTS138DMSR
-55oC to
+125oC
Intersil Class S
Equivalent
16 Lead SBDIP
HCTS138KMSR
-55oC to
+125oC
Intersil Class S
Equivalent
16 Lead Ceramic
Flatpack
HCTS138HMSR
+25oCDie
Die
HCTS138MS
Data Sheet
FN2462.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1995, 1999, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
September 12, 2005


Similar Part No. - HCTS138KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS138KMSR INTERSIL-HCTS138KMSR Datasheet
154Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCTS138KMSR INTERSIL-HCTS138KMSR Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCTS138KMSR RENESAS-HCTS138KMSR Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results

Similar Description - HCTS138KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
logo
Renesas Technology Corp
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Intersil Corporation
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com