Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1596A-25CM Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1596A-25CM
Description  3A STEP-DOWN PWM REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1596A-25CM Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1596A-25CM Datasheet HTML 1Page - Analog Intergrations Corporation AIC1596A-25CM Datasheet HTML 2Page - Analog Intergrations Corporation AIC1596A-25CM Datasheet HTML 3Page - Analog Intergrations Corporation AIC1596A-25CM Datasheet HTML 4Page - Analog Intergrations Corporation AIC1596A-25CM Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ADVANCED INFORMATION
AIC1596
3A STEP-DOWN PWM REGULATOR
SPEC NO: DS-1596-P1 03/23/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
1
! FEATURES
"
Operating Input Voltage From 4.5V to 36V
"
2.5V, 3.3V, 5V , 12V and Adjustable Output Ver-
sion
"
Adjustable Version Output Voltage Range , 1.25V
to 30V
± 4% max Over Line and Load Regulation
"
Available in TO220-5 and TO263-5 Package
"
Requires Only 4 External Components.
"
150KHz/300KHz Fixed Constant Frequency
"
Low Power Standby Mode, IQ Typically 80
µA
"
TTL Shutdown Capability.
"
Output Overvoltage Protection
"
Current Limit and Thermal Shutdown Protection.
"
3A Guaranteed Output Current
! APPLICATIONS
"
Simple High Efficiency Step-down regulator
"
On-Card Switching regulators
"
Fixed Voltage power supply for LCD Monitor
! DESCRIPTION
The AIC1596 series are step-down monolithic
PWM regulators delivering 3A at fixed voltages of
2.5V , 3.3V, 5.0V , 12V and using a external di-
vider to adjust output voltage from 1.25V to 30V
with excellent line and load regulation.
Switching frequency up to 150KHz/300KHz are
achievable thus allowing smaller sized filter com-
ponents. Internal current limit and thermal shut-
down circuits provide protection from overloads. It
also provides output overvoltage and short pro-
tection under fault conditions.
The internal precious reference combined with
voltage feedback loop provides optimum output
voltage accuracy and fast load transient response.
Packages available are in standard TO220-5 for
standard assembly and TO263-5 for SMD.
! TYPICAL APPLICATION CIRCUIT
L1
R1
R2
+
C3
+
C1
C2
D1
VOUT
VIN
IN
1
SHDN
5
OUT
2
FB
4
3
GND
AIC1596
R1 short and R2 open for fixed
switching output version
3A Precision PWM DC/DC Regulator


Similar Part No. - AIC1596A-25CM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CM AIC-AIC1594A-12CM Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CN AIC-AIC1594A-12CN Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CS AIC-AIC1594A-12CS Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CT AIC-AIC1594A-12CT Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
More results

Similar Description - AIC1596A-25CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
CM3708A ETC-CM3708A Datasheet
270Kb / 6P
   3A LOW LOISE PWM STEP DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
   3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com