Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD355-N Datasheet(PDF) 1 Page - Formosa MS

Part # ASD355-N
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ASD355-N Datasheet(HTML) 1 Page - Formosa MS

  ASD355-N Datasheet HTML 1Page - Formosa MS ASD355-N Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Switching Diode
ASD355-N
Silicon epitaxial planar type
Features
Small surface mounting type
High reliability
High speed ( trr < 4 ns )
Mechanical data
Case : Molded plastic, JEDECSOD-323
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cat hode band
Mounting Position : Any
Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATINGS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Repetitive peak reverse voltage
VRRM
100
V
Peak forward surge current
tp < 1s
IFSM
500.0
mA
Average forward current
VR = 0
IFAV
100
mA
Power dissipation
PV
350
mW
Junction temperature
Tj
175
o C
Storage temperature
TSTG
-55
+175
o C
Formosa MS
ELECTRICAL CHARACTERISTICS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 10mA
VF
1.2
V
VR = 25V
IR
100
nA
VR = 25V , Tj = 150
o C
IR
50
uA
VR = 80V
IR
30
uA
Breakdown current
IR = 100uA , TP /T = 0.01 TP = 0.3ms
V(BR)
100
V
Diode capacitance
VR = 0 , f = 1MHz , VHF = 50mV
CD
4.0
pF
Thermal resistance
Junction to ambient
RthJA
K/mW
Reverse recovery time
IF =10mA, VR =6V, IRR = 0.1 X IR , RL =100OHM
trr
4
ns
Reverse current
SOD-323
0.106 (2.7)
0.090 (2.3)
0.012(0.3) Typ.
0.053 (1.35)
0.045 (1.15)
0.035 (0.9)
0.028 (0.7)
R0.5 (0.02) Typ.


Similar Part No. - ASD355-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD35 ETC2-ASD35 Datasheet
521Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD35 ASTRODYNE-ASD35 Datasheet
521Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
ASD35-5D12 ETC2-ASD35-5D12 Datasheet
521Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD35-5D12 ASTRODYNE-ASD35-5D12 Datasheet
521Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
ASD35-5D12H ASTRODYNE-ASD35-5D12H Datasheet
230Kb / 3P
   5V Input 3 WATT Modular DC/DC Converters
More results

Similar Description - ASD355-N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com