Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962G8957701VYX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 5962G8957701VYX
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962G8957701VYX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 5962G8957701VYX Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962G8957701VYX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
BCRTM-7
TTB
TTB
TTB
TTB
D0
D1
D2
D3
9
K1
8
7
6
J1
H2
H1
Bit 0 (LSB) of the Data bus
Bit 1 of the Data bus
Bit 2 of the Data bus
Bit 3 of the Data bus
D4
D5
D6
D7
D8
D9
D10
D11
5
4
3
2
83
82
81
80
G3
G2
G1
F1
E1
E2
F2
D1
TTB
TTB
TTB
TTB
TTB
TTB
TTB
TTB
Bit 4 of the Data bus
Bit 5 of the Data bus
Bit 6 of the Data bus
Bit 7 of the Data bus
Bit 8 of the Data bus
Bit 9 of the Data bus
Bit 10 of the Data bus
Bit 11 of the Data bus
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
NAME
TYPE
ACTIVE
DESCRIPTION
DATA BUS
D12
D13
D14
D15
79
78
77
76
D2
C1
B1
C2
TTB
TTB
TTB
TTB
Bit 12 of the Data bus
Bit 13 of the Data bus
Bit 14 of the Data bus
Bit 15 (MSB) of the Data bus
--
--
--
--
PIN NUMBER
LCC
PGA
NAME
TYPE
ACTIVE
DESCRIPTION
RTA0
TERMINAL ADDRESS INPUTS
28
K8
TUI
Remote Terminal Address Bit 0 (LSB). The entire
RT address is strobed in at Master Reset. Verify it
by reading the Remote Terminal Address Register.
All the Remote Terminal Address bits are internally
pulled up.
RTA1
29
L9
TUI
Remote Terminal Address Bit 1. This is bit 1 of
the Remote Terminal Address.
RTA2
30
L10
TUI
Remote Terminal Address Bit 2. This is bit 2 of
the Remote Terminal Address.
RTA3
31
K9
TUI
Remote Terminal Address Bit 3. This is bit 3 of
the Remote Terminal Address.
--
--
--
--
RTPTY
33
K10
TUI
Remote Terminal (Address) Parity. This is an odd
parity input for the Remote Terminal Address.
RTA4
32
L11
TUI
Remote Terminal Address Bit 4. This is bit 4
(MSB) of the Remote Terminal Address.
--
--
PIN NUMBER
LCC
PGA


Similar Part No. - 5962G8957701VYX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962G9563801QQYA ETC2-5962G9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962G9563801QQYC ETC2-5962G9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com