Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5118165J-7 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM5118165J-7
Description  16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5118165J-7 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM5118165J-7 Datasheet HTML 2Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 3Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 4Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 5Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 6Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 7Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 8Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 9Page - Hitachi Semiconductor HM5118165J-7 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
HM5118165 Series
6
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to V
SS
V
T
–1.0 to +7.0
V
Supply voltage relative to V
SS
V
CC
–1.0 to +7.0
V
Short circuit output current
Iout
50
mA
Power dissipation
P
T
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Recommended DC Operating Conditions (Ta = 0 to +70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
V
CC
4.5
5.0
5.5
V
1, 2
Input high voltage
V
IH
2.4
6.5
V
1
Input low voltage
V
IL
–1.0
0.8
V
1
Notes: 1. All voltage referred to V
SS
2. The supply voltage with all V
CC pins must be on the same level.
The supply voltage with all V
SS
pins must be on the same level.
DC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ± 10%, VSS = 0 V)
HM5118165
-5
-6
-7
Parameter
Symbol
Min Max Min Max Min Max Unit
Test conditions
Operating current*
1, *2
I
CC1
200 —
170 —
150 mA
t
RC = min
Standby current
I
CC2
2
2
2
mA
TTL interface
RAS, UCAS, LCAS = V
IH
Dout = High-Z
1
1
1
mA
CMOS interface
RAS, UCAS,
LCAS
≥ V
CC – 0.2 V
Dout = High-Z
Standby current
(L-version)
I
CC2
150 —
150 —
150
µA
CMOS interface
RAS, UCAS,
LCAS
≥ V
CC – 0.2 V
Dout = High-Z


Similar Part No. - HM5118165J-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5118165J-7 ELPIDA-HM5118165J-7 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
More results

Similar Description - HM5118165J-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com