Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP16CA Datasheet(PDF) 1 Page - Formosa MS

Part # 5KP16CA
Description  GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

5KP16CA Datasheet(HTML) 1 Page - Formosa MS

  5KP16CA Datasheet HTML 1Page - Formosa MS 5KP16CA Datasheet HTML 2Page - Formosa MS 5KP16CA Datasheet HTML 3Page - Formosa MS 5KP16CA Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-NOV.11.2003
5KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2.
2.Mounted on Copper Leaf area of 0.79in2(20mm2).
3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• 5000W Peak Pulse Power capability at on 10/1000µs waveform
• Excellent clamping capability
• Low zener impedance
• Repetition rate(Duty Cycle):.05%
• Fast response time: typically less than 1.0 ps from 0 volts to BV min
• Typical IR less than 1µA above 10V
MECHANICALDATA
Case: JEDEC P-600 molded plastic
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted cathode except Bipolar
Mounting Position: Any
Weight: 0.07 ounce, 2.1 gram
.052(1.3)
.360(9.1)
.340(8.6)
.048(1.2)
P-600
Unit: inch(mm)
DATA SHEET
DEVICES FOR BIPOLARAPPLICATIONS
For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP220
Electrical characteristics apply in both directions.
MAXIMUM RATINGSAND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
VOLTAGE
5.0 to 220 Volts
5000 Watts
PEAK PULSE POWER
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
5
2
=
A
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
k
a
e
P
O
)
1
e
t
o
N
(
s
m
1
=
P
T
,
CPPK
0
0
0
5s
t
t
a
W
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
e
t
a
t
S
y
d
a
e
t
S
T
5
7
=
L
O C
)
2
e
t
o
N
(
)
m
m
5
9
(
,
"
5
7
3
.
s
h
t
g
n
e
L
d
a
e
L
PD
0
.
8s
t
t
a
W
e
v
a
W
-
e
n
i
S
f
l
a
H
e
l
g
n
i
S
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
3
e
t
o
N
(
)
d
o
h
t
e
M
D
E
C
E
J
(
d
a
o
L
d
e
t
a
R
n
o
d
e
s
o
p
m
i
r
e
p
u
S
I FSM
0
0
4s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
5
7
1
+
o
t
5
5
-
O C


Similar Part No. - 5KP16CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP16CA SURGE-5KP16CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP16CA LUGUANG-5KP16CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Littelfuse
5KP16CA LITTELFUSE-5KP16CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
5KP16CA SECOS-5KP16CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
DAESAN ELECTRONIC CORP.
5KP16CA DAESAN-5KP16CA Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP16CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6SBMJ6.8APT CHENMKO-P6SBMJ6.8APT Datasheet
102Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
SA5.0 CHENG-YI-SA5.0 Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE CHENG-YI-P6KE Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
ICTE-5 MDE-ICTE-5 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com