Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1596B-12CT Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1596B-12CT
Description  3A STEP-DOWN PWM REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1596B-12CT Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1596B-12CT Datasheet HTML 1Page - Analog Intergrations Corporation AIC1596B-12CT Datasheet HTML 2Page - Analog Intergrations Corporation AIC1596B-12CT Datasheet HTML 3Page - Analog Intergrations Corporation AIC1596B-12CT Datasheet HTML 4Page - Analog Intergrations Corporation AIC1596B-12CT Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AIC1596
3A STEP-DOWN PWM REGULATOR
SPEC NO: DS-1596-P1 03/23/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
5
"
TO-220-5 (unit: mm)
SYMBOL
MIN
MAX
A
4.06
4.83
D
8.35
8.89
E
9.78
10.54
e
1.57
1.85
e1
0.76
1.02
e2
0.33
0.64
F
1.14
1.40
H1
5.46
6.86
J1
2.29
3.18
L
13.21
14.73
E
e
L
A
F
H1
D
J1
e2


Similar Part No. - AIC1596B-12CT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CM AIC-AIC1594A-12CM Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CN AIC-AIC1594A-12CN Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CS AIC-AIC1594A-12CS Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
AIC1594A-12CT AIC-AIC1594A-12CT Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
More results

Similar Description - AIC1596B-12CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
CM3708A ETC-CM3708A Datasheet
270Kb / 6P
   3A LOW LOISE PWM STEP DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
   3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com