Electronic Components Datasheet Search |
|
HDSP-A903-PP000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HDSP-A903-PP000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 20 page Features • Low Power Consumption • Industry Standard Size • Industry Standard Pinout • Choice of Character Size 7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in), 14.2 mm (0.56 in), 20 mm (0.80 in) • Choice of Colors AlGaAs Red, High Efficiency Red (HER), Yellow, Green • Excellent Appearance Evenly Lighted Segments ±50° Viewing Angle • Design Flexibility Common Anode or Common Cathode Single and Dual Digit Left and Right Hand Decimal Points ±1. Overflow Character • Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display • Excellent for Long Digit String Multiplexing Description These low current seven segment displays are designed for applica- tions requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. Drive currents as low as 1 mA per segment are available. Pin for pin equivalent displays are also available in a standard current or high light ambient design. The standard current displays are available in all colors and are ideal for most applica- tions. The high light ambient displays are ideal for sunlight ambients or long string lengths. For additional information see the 7.6 mm Micro Bright Seven Segment Displays, 10 mm Seven Segment Displays, 7.6 mm/10.9 mm Seven Segment Displays, 14.2 mm Seven Segment Displays, 20 mm Seven Segment Displays, or High Light Ambient Seven Segment Displays data sheets. Low Current Seven Segment Displays Technical Data HDSP-335x Series HDSP-555x Series HDSP-751x Series HDSP-A10x Series HDSP-A80x Series HDSP-A90x Series HDSP-E10x Series HDSP-F10x Series HDSP-G10x Series HDSP-H10x Series HDSP-K12x, K70x Series HDSP-N10x Series HDSP-N40x Series |
Similar Part No. - HDSP-A903-PP000 |
|
Similar Description - HDSP-A903-PP000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |