Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R8957701-XXA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 5962R8957701-XXA
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962R8957701-XXA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 5962R8957701-XXA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 14Page - List of Unclassifed Manufacturers 5962R8957701-XXA Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
BCRTM-11
NAME
TYPE
ACTIVE
DESCRIPTION
CLK
MCLK
MCLKD2
21
65
71
J5
C5
A3
TI
TI
TO
Memory Clock Divided by Two. This signal is the
Memory Clock input divided by two. It assists the
host subsystem in synchronizing DMA events.
Clock. The 12MHz input clock requires a 50%
± 10% duty cycle with an accuracy of± 0.01%. The accuracy
is required in order to meet the Manchester encoding/
decoding requirements of MIL-STD-1553.
Memory Clock. This is the input clock frequency the BCRTM
uses for memory accesses. The memory cycle time is equal
to two MCLK cycles. Therefore, RAM access time is
dependent upon the chosen MCLK frequency (6MHz
minimum, 12MHz maximum). Please see the BCRTM DMA
timing diagrams in this data sheet.
--
--
--
CLOCK SIGNALS
PIN NUMBER
LCC
PGA
NAME
TYPE
ACTIVE
DESCRIPTION
23
43
64
84
1
22
42
63
L6
F9
G13
C7
J3
N8
F10
B6
PWR
PWR
PWR
PWR
GND
GND
GND
GND
+5V
+5V
+5V
+5V
Ground
Ground
Ground
Ground
--
--
--
--
--
--
--
--
POWER AND
VDD
VSS
VDD
VDD
VDD
VSS
VSS
VSS
PIN NUMBER
LCC
PGA


Similar Part No. - 5962R8957701-XXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R8958702V9A TI1-5962R8958702V9A Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
5962R8958704VXA TI1-5962R8958704VXA Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com