Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC220C6B Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # SC220C6B
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220C6B Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SC220C6B Datasheet HTML 3Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 4Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 5Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 6Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 7Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 8Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 9Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 10Page - Zarlink Semiconductor Inc SC220C6B Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
6
Rev. 4.5 – February
1999
Pin No(s).
Symbol
Type
Name & Functions
CAM Interface
214,215,217,218,219,
220,221,222,223,225,
226,228,229,220.221,
C_D[15:0]
TTL I/O-TS
(5VT)
CAM Interface – Data Bus bit [15:0]
239
C_WE#
CMOS Output CAM Interface – Write Enable
241
C_CE#
CMOS Output CAM Interface – Chip Enable
233
C_EC#
CMOS Output CAM Interface – Enable Comparison
234
C_CM#
CMOS Output CAM Interface – Data/Command Select
236
C_FF#
TTL Input
(5VT)
CAM Interface – Full Flag
237
C_MF#
TTL Input
(5VT)
CAM Interface – Match Flag
Test & Reserved Pins
65
TEST
CMOS I/O-TS Test Pin – Set Test Mode upon Reset,
and provides test status output during
test mode
62,63,64,67,242
n/c
---
Reserved Pins (5 pins)
Power Pins
32,78,115,161,206,243
VDD (Core)
Input
+3.3 Volt DC Supply for Core Logic (6
pins)
7,20,31,44,55,68,76,86,
94,102,110,120,144,
152,162,170,178,186,
197,216,227,238,252
VDD
Input
+3.3 Volt DC Supply for I/O Pads (23
pins)
35,81,112,158,209,240
VSS (Core)
Input
Ground for Core Logic (6 pins)
4,17,28,41,52,61,66,74,
83,91,99,197,117,127,
136,147,155,165,173,
181,188,200,213,224,
235,249
VSS
Input
Ground for I/O Pads (26 pins)


Similar Part No. - SC220C6B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
745Kb / 14P
   20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
   Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results

Similar Description - SC220C6B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
EA218E ZARLINK-EA218E Datasheet
504Kb / 28P
   EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
   Packet Routing Switch
logo
Infineon Technologies A...
PEF22810 INFINEON-PEF22810 Datasheet
193Kb / 2P
   ETHERNET OVER VDSL CHIPSET
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Maxim Integrated Produc...
DS33X162DK MAXIM-DS33X162DK Datasheet
1Mb / 78P
   Demonstrates Key Functions of DS33X162 Ethernet Transport Chipset
Rev: 031008
logo
ATMEL Corporation
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
   Routing&Socket card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com