Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57031-43UK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA57031-43UK
Description  Micropower 150 mA, low-noise, low dropout linear regulator with on/off
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57031-43UK Datasheet(HTML) 4 Page - NXP Semiconductors

  SA57031-43UK Datasheet HTML 1Page - NXP Semiconductors SA57031-43UK Datasheet HTML 2Page - NXP Semiconductors SA57031-43UK Datasheet HTML 3Page - NXP Semiconductors SA57031-43UK Datasheet HTML 4Page - NXP Semiconductors SA57031-43UK Datasheet HTML 5Page - NXP Semiconductors SA57031-43UK Datasheet HTML 6Page - NXP Semiconductors SA57031-43UK Datasheet HTML 7Page - NXP Semiconductors SA57031-43UK Datasheet HTML 8Page - NXP Semiconductors SA57031-43UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product data
SA57031-XX
Micropower 150 mA, low-noise, low dropout linear
regulator with on/off
2003 Jun 23
4
CHARACTERISTICS
Tamb = 25
°C; VI = VO(nom) +1 V; VON/OFF = 2 V; IO = 1 mA unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICC
No-load input current
IO = 0 mA
45
100
µA
IO = 50 mA
55
IO = 150 mA
60
ICC(OFF)
Input current (off)
VON/OFF = 0.25 V
0.1
1
µA
Iq
Quiescent Current
IO = 0 to 150 mA
100
190
µA
∆VLNR
Line regulation
VI = VO +0.5 V to 6 V
5
10
mV
IO = 1 to 50 mA
10
25
∆VLDR
Load regulation
IO = 1 to 100 mA
20
50
mV
IO = 1 to 150 mA
30
70
∆VO/∆T
VO Temperature coefficient
Tj = –30 to +85
°C
ppm/
°C
PSRR
Power supply ripple rejection
f = 1 kHz; IO = 1 mA; Vripple = 0.5 V;
VO = 1.8 to 4.0 V
80
dB
PSRR
Power supply ripple rejection
f = 1 kHz; IO = 1 mA; Vripple = 0.5 V;
VO = 4.1 to 5.0 V
70
dB
Vn
Output noise voltage
fBW = 20 to 80 kHz; CO = 2.2 µF
30
µVrms
ION/OFF
Output short-circuit current
VI = VO +1 V ; VO = 0 V
30
mA
VON/OFF(H)
ON/OFF HIGH threshold
voltage
1.5
VI
V
VON/OFF(L)
ON/OFF LOW threshold voltage
0
0.25
V
RON/OFF
ON/OFF Pull-down resistance
2.5
5
15
M
VO
Output voltage (nominal)
x0.98
nom
x1.02
V
Vdropout
Dropout voltage
VO = 2.0 to 2.3
0.25
0.35
V
VO = 2.4 to 2.7
0.24
0.29
VO = 2.8 to 5.0
0.23
0.26
PRESET OUTPUT VOLTAGES
Part Number
Min
Typ
Max
SA57031-25UK
2.450
2.500
2.550
SA57031-28UK
2.744
2.800
2.856
SA57031-30UK
2.940
3.000
3.060
SA57031-33UK
3.234
3.300
3.366
SA57031-36UK
3.528
3.600
3.672


Similar Part No. - SA57031-43UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57031-43UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com