Electronic Components Datasheet Search |
|
SA57031-34UK Datasheet(PDF) 3 Page - NXP Semiconductors |
|
SA57031-34UK Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 13 page Philips Semiconductors Product data SA57031-XX Micropower 150 mA, low-noise, low dropout linear regulator with on/off 2003 Jun 23 3 ORDERING INFORMATION TYPE NUMBER PACKAGE TEMPERATURE TYPE NUMBER NAME DESCRIPTION RANGE SA57031-XXUK WL–CSP4 wafer level, chip-scale package; 4 bumps –40 to +85 °C NOTE: The device has five voltage output options, indicated by the XX on the Type Number. Other voltages, between 2.5 to 5.0 V in 100 mV increments, are available on request. XX VOLTAGE (Typical) 18 1.8 V 24 2.4 V 28 2.8 V PIN CONFIGURATION (TOP VIEW) SA00633 B2 A1 B1 A2 SA57031-XX VO GND ON/OFF VI Figure 2. Pin configuration. PIN DESCRIPTION PIN SYMBOL DESCRIPTION A1 GND Device ground B1 VO Voltage output B2 VI Voltage input A2 ON/OFF Control pin. Connect to VI if not used. MAXIMUM RATINGS Symbol Parameter Min Max Unit Tstg Storage temperature range –40 +150 °C Toper Operating Temperature Range –40 +85 °C VI Supply voltage –0.3 +7 V IO Output Current – 200 mA P Power dissipation – 190 mW |
Similar Part No. - SA57031-34UK |
|
Similar Description - SA57031-34UK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |