Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT02A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHCT02A
Description  Quad 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT02A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHCT02A Datasheet HTML 1Page - ON Semiconductor MC74VHCT02A Datasheet HTML 2Page - ON Semiconductor MC74VHCT02A Datasheet HTML 3Page - ON Semiconductor MC74VHCT02A Datasheet HTML 4Page - ON Semiconductor MC74VHCT02A Datasheet HTML 5Page - ON Semiconductor MC74VHCT02A Datasheet HTML 6Page - ON Semiconductor MC74VHCT02A Datasheet HTML 7Page - ON Semiconductor MC74VHCT02A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1999
4/99
Quad 2-Input NOR Gate
The MC74VHCT02A is an advanced high speed CMOS 2–input NOR gate
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while maintaining
CMOS low power dissipation.
The VHCT inputs are compatible with TTL levels. This device can be used
as a level converter for interfacing 3.3V to 5.0V, because it has full 5V CMOS
level output swings.
The VHCT02A input structures provide protection when voltages between
0V and 5.5V are applied, regardless of the supply voltage. The output
structures also provide protection when VCC = 0V. These input and output
structures help prevent device destruction caused by supply voltage –
input/output voltage mismatch, battery backup, hot insertion, etc.
The internal circuit is composed of three stages, including a buffer output
which provides high noise immunity and stable output. The inputs tolerate
voltages up to 7V, allowing the interface of 5V systems to 3V systems.
• High Speed: tPD = 3.6ns (Typ) at VCC = 5 V
• Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
• TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 40 FETs or 10 Equivalent Gates
LOGIC DIAGRAM
1
Y1
2
A1
3
B1
Y4
Y = A + B
4
Y2
5
A2
6
B2
10
Y3
8
A3
9
B3
13
11
A4
12
B4
FUNCTION TABLE
A
L
L
H
H
Inputs
Output
B
L
H
L
H
Y
H
L
L
L
MC74VHCT02A
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Y3
A4
B4
Y4
VCC
A3
B3
Y2
B1
A1
Y1
GND
B2
A2
D SUFFIX
14–LEAD SOIC PACKAGE
CASE 751A–03
DT SUFFIX
14–LEAD TSSOP PACKAGE
CASE 948G–01
ORDERING INFORMATION
MC74VHCTXXAD
MC74VHCTXXADT
MC74VHCTXXAM
SOIC
TSSOP
SOIC EIAJ
M SUFFIX
14–LEAD SOIC EIAJ PACKAGE
CASE 965–01


Similar Part No. - MC74VHCT02A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A Datasheet
91Kb / 6P
   Quad 2-Input NOR Gate
September, 2014 ??Rev. 6
MC74VHCT02AD ONSEMI-MC74VHCT02AD Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCT02ADR2G ONSEMI-MC74VHCT02ADR2G Datasheet
91Kb / 6P
   Quad 2-Input NOR Gate
September, 2014 ??Rev. 6
MC74VHCT02ADT ONSEMI-MC74VHCT02ADT Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
More results

Similar Description - MC74VHCT02A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com