Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61089FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M61089FP
Description  PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61089FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M61089FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61089FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61089FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61089FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61089FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI<LINEAR ICS>
M61089FP
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
MITSUBISHI
ELECTRIC
( / 5 )
3
ELECTRIACAL CHARACTERISTIC
(Vcc=5.0V , Vc=2.5V , Ta=25˚C, unless otherwise noted)
Parameter
Symbol
Test condition
Min
Typ
Max
Circuit current
Output voltage
Icc
Vo
In the dark
Po=10µW
=780nm
Output A to D
Po=10µW
=780nm
Output E to F
300
530
640
Limits
mA
mV
mV
Delta output
offset voltage
In the dark (A+B) - (C+D)
In the dark (A+D) - (B+C)
In the dark E - F
Po=10µW
=780nm
3dB down
Output A to D
-15
0
+15
mV
∆V OFF
4.8
6.0
7.2
Output voltage ratio
VOE/VOA
The ratio of output E to F toward output
A to D
1.76
2.14
times
240
360
1.40
Output offset voltage
In the dark
output A to F
V OFF
mV
-15
0
+15
420
Unit
Frequency
characteristic
Output noise voltage
fc
V
Po=10µW
=780nm
3dB down
Output E to F
Output A to D (at f=20MHz)
MHz
NO
dBm
25
28
-
1.0
1.5
-
-
-80
-74


Similar Part No. - M61089FP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
M610802 MPS-M610802 Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
M610802 MPS-M610802 Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
M610802 MPS-M610802 Datasheet
708Kb / 8P
   Rotary Knob Kit for the MagAlpha
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
More results

Similar Description - M61089FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M51567P MITSUBISHI-M51567P Datasheet
288Kb / 6P
   PREAMPLIFIER FOR OPTICAL PICKUP
M51598FP MITSUBISHI-M51598FP Datasheet
292Kb / 6P
   PREAMPLIFIER FOR OPTICAL PICKUP
logo
List of Unclassifed Man...
CXA2674EM ETC1-CXA2674EM Datasheet
64Kb / 2P
   Optical Pickup Chipset with Photodetector PDIC for Blue-Violet Laser Diodes
logo
Sony Corporation
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
logo
Mitsubishi Electric Sem...
M51594AFP MITSUBISHI-M51594AFP Datasheet
796Kb / 13P
   OPTICAL PICKUP SERVO CONTROL
logo
Emcore Corporation
MAFA1014-PA EMCORE-MAFA1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
MAFA-1014-PA EMCORE-MAFA-1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
logo
Vitesse Semiconductor C...
VSC7810 VITESSE-VSC7810 Datasheet
163Kb / 14P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com