Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47S422QFP Datasheet(PDF) 11 Page - SMSC Corporation

Part # LPC47S422QFP
Description  ENHANCED SUPER I/O WITH LPC INTERFACE FOR SERVER APPLICATIONS
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47S422QFP Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LPC47S422QFP Datasheet HTML 7Page - SMSC Corporation LPC47S422QFP Datasheet HTML 8Page - SMSC Corporation LPC47S422QFP Datasheet HTML 9Page - SMSC Corporation LPC47S422QFP Datasheet HTML 10Page - SMSC Corporation LPC47S422QFP Datasheet HTML 11Page - SMSC Corporation LPC47S422QFP Datasheet HTML 12Page - SMSC Corporation LPC47S422QFP Datasheet HTML 13Page - SMSC Corporation LPC47S422QFP Datasheet HTML 14Page - SMSC Corporation LPC47S422QFP Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 264 page
background image
11
Note 2: The nLPCPD pin may be tied high.
The LPC interface will function properly if the
nPCI_RESET signal follows the protocol defined for the nLRESET signal in the “Low Pin Count
Interface Specification”.
Note 3: If the 32kHz input clock is not used the CLKI32 pin must be grounded. There is a bit in the
configuration register at 0xF0 in Logical Device A that indicates whether or not the 32KHz
clock is connected. This bit determines the clock source for the fan tachometer, LED and
“wake on specific key” logic. Set this bit to ‘1’ if the clock is not connected.
Note 4: The fan control pin (FAN) comes up as output and low following a VCC POR and Hard Reset.
This pin reverts to its non-inverting General Purpose I/O output function when VCC is removed
from the part.
Note 5: The GP53/TXD2/IRTX pin is an output and low when the part is under VTR power (VCC=0).
The pin comes up as output and low following a VCC POR and Hard Reset.
Note 6: VTR can be connected to VCC if no wakeup functionality is required.
Note 7: The GP24/SYSOPT pin requires an external pulldown resistor to put the base I/O address for
configuration at 0x02E. An external pullup resistor is required to move the base I/O address
for configuration to 0x04E.
Note 8: External pullups must be placed on the nKBDRST and A20M pins. These pins are General
Purpose I/Os that are inputs after an initial power-up (VTR POR). If the nKBDRST and A20M
functions are to be used, the system must ensure that these pins are high. See Section “Pins
That Require External Pullup Resistor”.
Note 9: The LED pins are powered by VTR so that the LEDs can be controlled when the part is under
VTR power. The GP61 pin defaults to the LED function active (blinking at a 1Hz rate, 50%
duty cycle) on initial power up (as long as the 32 kHz clock input is active).
Note 10: External pullups are required on the nXRD and nXWR pins.


Similar Part No. - LPC47S422QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
More results

Similar Description - LPC47S422QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com