Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47S422QFP Datasheet(PDF) 9 Page - SMSC Corporation

Part # LPC47S422QFP
Description  ENHANCED SUPER I/O WITH LPC INTERFACE FOR SERVER APPLICATIONS
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47S422QFP Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LPC47S422QFP Datasheet HTML 5Page - SMSC Corporation LPC47S422QFP Datasheet HTML 6Page - SMSC Corporation LPC47S422QFP Datasheet HTML 7Page - SMSC Corporation LPC47S422QFP Datasheet HTML 8Page - SMSC Corporation LPC47S422QFP Datasheet HTML 9Page - SMSC Corporation LPC47S422QFP Datasheet HTML 10Page - SMSC Corporation LPC47S422QFP Datasheet HTML 11Page - SMSC Corporation LPC47S422QFP Datasheet HTML 12Page - SMSC Corporation LPC47S422QFP Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 264 page
background image
9
PIN #
NAME
FUNCTION
BUFFER
TYPE
BUFFER TYPE PER
FUNCTION (NOTE 1)
51
GP30/SCLK/
nXCS2/XA2
General Purpose I/O/SMBus
Clock/X-Bus Chip Select 2/X-Bus
Address 2
IO12
(I/O12/OD12)/
IOD12/O12/O12
54
GP32/SDAT/XA0
General Purpose I/O/SMBus
Data/X-Bus Address 0
IO12
(I/O12/OD12)/
IOD12/O12
FAN CONTROL PINS
52
GP31/FAN_TACH/
nXCS3/XA3
General Purpose I/O/Fan
Tachometer Input/X-Bus Chip
Select 3/X-Bus Address 3
IO8
(I/O8/OD8)/I/O8/
O8
55
GP33 /FAN/XA1
General Purpose I/O /Fan
Control/X-Bus Address 1 (Note 4)
IO12
(I/O12/OD12)/
(O12/OD12)/O12
KEYBOARD/MOUSE
56
KDAT
Keyboard Data
IOD16
IOD16
57
KCLK
Keyboard Clock
IOD16
IOD16
58
MDAT
Mouse Data
IOD16
IOD16
59
MCLK
Mouse Clock
IOD16
IOD16
63
GP36/nKBDRST
General Purpose I/O /Keyboard
Reset (Note 8)
IO8
(I/O8/OD8)/O8
64
GP37/A20M
General Purpose I/O /Gate A20
(Note 8)
IO8
(I/O8/OD8)/O8
PARALLEL PORT INTERFACE
66
nINIT/nDIR
Initiate Output/FDC Direction
Control
OP14
(OD14/OP14)/
OD14
67
nSLCTIN/nSTEP
Printer Select Input/FDC Step
Pulse
OP14
(OD14/OP14)/
OD14
68
PD0/nINDEX
Port Data 0/FDC Index
IS/OP14
IOP14/IS
69
PD1/nTRK0
Port Data 1/FDC Track 0
IS/OP14
IOP14/IS
70
PD2/nWRTPRT
Port Data 2/FDC Write Protected
IS/OP14
IOP14/IS
71
PD3/nRDATA
Port Data 3/FDC Read Disk Data
IS/OP14
IOP14/IS
72
PD4/nDSKCHG
Port Data 4/FDC Disk Change
IS/OP14
IOP14/IS
73
PD5
Port Data 5
IOP14
IOP14
74
PD6/nMTR0
Port Data 6/FDC Motor On 0
IOP14
IOP14/OD14
75
PD7
Port Data 7
IOP14
IOP14
77
SLCT/nWGATE
Printer Selected Status/FDC Write
Gate
IO12
I/OD12
78
PE/nWDATA
Paper End/FDC Write Data
IO12
I/OD12
79
BUSY/nMTR1
Busy/FDC Motor On
IO12
I/OD12
80
nACK/nDS1
Acknowledge/FDC Drive Select 1
IO12
I/OD12
81
nERROR/nHDSEL
Error/FDC Head Select
IO12
I/OD12
82
nALF/nDRVDEN0
Autofeed Output/FDC Density
Select
OP14
(OD14/OP14)/
OD14


Similar Part No. - LPC47S422QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
More results

Similar Description - LPC47S422QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com