Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEGXX05EH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEGXX05EH
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEGXX05EH Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEGXX05EH Datasheet HTML 1Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 2Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 3Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 4Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 5Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 6Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 7Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 8Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9397 750 14515
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 12 April 2005
2 of 13
Philips Semiconductors
PMEGxx05EH/EJ series
0.5 A very low VF MEGA Schottky barrier rectifiers
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tsp ≤ 55 °C
-
-
0.5
A
VR
reverse voltage
PMEG2005EH,
PMEG2005EJ
--20
V
PMEG3005EH,
PMEG3005EJ
--30
V
PMEG4005EH,
PMEG4005EJ
--40
V
VF
forward voltage
IF = 500 mA
[1]
PMEG2005EH,
PMEG2005EJ
-
355
390
mV
PMEG3005EH,
PMEG3005EJ
-
380
430
mV
PMEG4005EH,
PMEG4005EJ
-
420
470
mV
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 4:
Ordering information
Type number
Package
Name
Description
Version
PMEG2005EH
-
plastic surface mounted package; 2 leads
SOD123F
PMEG3005EH
PMEG4005EH
PMEG2005EJ
SC-90
plastic surface mounted package; 2 leads
SOD323F
PMEG3005EJ
PMEG4005EJ


Similar Part No. - PMEGXX05EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX05EH NXP-PMEGXX05EH Datasheet
139Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-13 January 2010
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
More results

Similar Description - PMEGXX05EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005EB NXP-PMEG3005EB Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
PMEGXX05EH NXP-PMEGXX05EH Datasheet
139Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-13 January 2010
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEG2005ET NXP-PMEG2005ET_10 Datasheet
131Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02-13 January 2010
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com