Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM106-L Datasheet(PDF) 2 Page - Formosa MS

Part # HFM106-L
Description  Chip Silicon Rectifier - Ultra fast recovery type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HFM106-L Datasheet(HTML) 2 Page - Formosa MS

  HFM106-L Datasheet HTML 1Page - Formosa MS HFM106-L Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING AND CHARACTERISTIC CURVES (HFM101-L THRU HFM107-L)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
AMBIENT TEMPERATURE ( C)
1.6
1.8
REVERSE VOLTAGE,(V)
175
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
0
25
50
75
100
125
150
175
0
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - HFM106-L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM106-M FORMOSA-HFM106-M Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
PACELEADER INDUSTRIAL
HFM106-M PACELEADER-HFM106-M Datasheet
306Kb / 2P
   ULTRA FAST RECOVER TYPE
logo
SHENZHEN YONGERJIA INDU...
HFM106-M WINNERJOIN-HFM106-M Datasheet
94Kb / 2P
   Ultra fast recovery type
logo
Microdiode Electronics ...
HFM106-M CHENDA-HFM106-M Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Formosa MS
HFM106-MH FORMOSA-HFM106-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
More results

Similar Description - HFM106-L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM101-MH FORMOSA-HFM101-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
HFM201-L FORMOSA-HFM201-L Datasheet
81Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
FFM201-L FORMOSA-FFM201-L Datasheet
71Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
FFM101-L FORMOSA-FFM101-L Datasheet
71Kb / 2P
   Chip Silicon Rectifier Fast recovery type
HFM108 FORMOSA-HFM108 Datasheet
36Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
FFM101-MH FORMOSA-FFM101-MH Datasheet
79Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
FM4933 FORMOSA-FM4933 Datasheet
40Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
SFM11-L FORMOSA-SFM11-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM21-L FORMOSA-SFM21-L Datasheet
92Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM11-MH FORMOSA-SFM11-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com