Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 11 of 20
TEMPERATURE (
°C)
1.2
1.4
1.6
1.8
2.0
2.2
–40
–25
–10
5
20
35
50
65
80
95
110
125
IB+, VS = +5V
IB–, VS = +5V
IB+, VS = ±5V
IB–, VS = ±5V
Figure 30. Input Bias Current vs. Temperature for Various Supplies
TEMPERATURE (
°C)
0.04
0.05
0.06
0.07
0.08
0.09
–40
–25
–10
5
20
35
50
65
80
95
110
125
+VS – VOUT
VS = ±5V
VS = +5V
–VS – VOUT
+VS – VOUT
–VS – VOUT
Figure 31. Output Saturation vs. Temperature for Various Supplies
TEMPERATURE (
°C)
2.0
2.2
2.4
2.6
2.8
3.0
–40
–25
–10
5
20
35
50
65
80
95
110
125
VS = ±5V
VS = +5V
3.2
VS = +3V
Figure 32. Supply Current vs. Temperature for Various Supplies
1
1000
10
100M
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
10
100
G = +1
Figure 33. Voltage Noise vs. Frequency
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
1
10
100
G = +2
10
Figure 34. Current Noise vs. Frequency
0
10
20
30
40
50
60
70
80
–4
–3
–2
–1
0
1
2
3
4
VOFFSET (mV)
VS = ±5V
N = 420
x = –260
μV
σ = 780μV
Figure 35. Input Offset Voltage Distribution


Similar Part No. - ADA4851-1YRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4851-1YRJZ-R2 AD-ADA4851-1YRJZ-R2 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-1YRJZ-R2 AD-ADA4851-1YRJZ-R2 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1YRJZ-R2 AD-ADA4851-1YRJZ-R2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1YRJZ-R2 AD-ADA4851-1YRJZ-R2 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
More results

Similar Description - ADA4851-1YRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_16 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com