Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF15XXAE Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF15XXAE
Description  2nd Generation EE Complex Programmable Logic Devices
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF15XXAE Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF15XXAE Datasheet HTML 1Page - ATMEL Corporation ATF15XXAE Datasheet HTML 2Page - ATMEL Corporation ATF15XXAE Datasheet HTML 3Page - ATMEL Corporation ATF15XXAE Datasheet HTML 4Page - ATMEL Corporation ATF15XXAE Datasheet HTML 5Page - ATMEL Corporation ATF15XXAE Datasheet HTML 6Page - ATMEL Corporation ATF15XXAE Datasheet HTML 7Page - ATMEL Corporation ATF15XXAE Datasheet HTML 8Page - ATMEL Corporation ATF15XXAE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
1
Features
2nd Generation EE Complex Programmable Logic Devices
– 3.0V to 3.6V Operating Range with 5V Tolerant I/Os
– 32 - 512 Macrocells with Enhanced Features
– Pin-compatible with Industry-standard Devices
– Speeds to 4.5 ns Maximum Pin-to-pin Delay
– Registered Operation to 225 MHz
Enhanced Macrocells with Logic DoublingFeatures
– Bury Either Register or COM while Using the Other for Output
– Dual Independent Feedback Allows Multiple Latch Functions per Macrocell
– 5 Product Terms per Macrocell, Expandable to 40 per Macrocell with Cascade
Logic, Plus 15 More with Foldback Logic
– D/T/Latch Configurable Flip-flops plus Transparent Latches
– Global and/or per Macrocell Register Control Signals
– Global and/or per Macrocell Output Enable
– Programmable Output Slew Rate per Macrocell
– Programmable Output Open Collector Option per Macrocell
– Fast Registered Input from Product Term
Enhanced Connectivity
– Single Level Switch Matrix for Maximum Routing Options
– Up to 40 Inputs per Logic Block
Advanced Power Management Features
– ITD (Input Transition Detection) Available Individually on Global Clocks, Inputs and
I/O for µA Level Standby Current on “L” versions
– Pin-controlled 1 mA Standby Mode
– Reduced-power Option per Macrocell
– Automatic Power Down of Unused Macrocells
– Programmable Pin-keeper Inputs and I/Os
Available in Commercial and Industrial Temperature Ranges
Available in All Popular Packages Including PLCC, PQFP, TQFP and BGA
EE Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20 Year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
JTAG Boundary-scan Testing Port per IEEE 1149.1-1990 and 1149.1a-1993
– Pull-up Option on JTAG Pins TMS and TDI
IEEE 1532 Compatibility for Fast In-System Programmability (ISP) via JTAG
PCI-compliant
Security Fuse Feature
ATF15xxAE
Family
Datasheet
ATF1502AE(L)
ATF1504AE(L)
ATF1508AE(L)
ATF1516AE(L)
ATF1532AE(L)
Preliminary
Rev. 2398E–12/01


Similar Part No. - ATF15XXAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500A ATMEL-ATF1500A Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500A-10AC ATMEL-ATF1500A-10AC Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500A-10AC ATMEL-ATF1500A-10AC Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500A-10AI ATMEL-ATF1500A-10AI Datasheet
680Kb / 16P
   High Performance E2 PLD
More results

Similar Description - ATF15XXAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
logo
STMicroelectronics
TS5070 STMICROELECTRONICS-TS5070 Datasheet
284Kb / 32P
   PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
logo
ATMEL Corporation
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com