Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3023EMSE Datasheet(PDF) 8 Page - Linear Technology

Part # LT3023EMSE
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023EMSE Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3023EMSE Datasheet HTML 4Page - Linear Technology LT3023EMSE Datasheet HTML 5Page - Linear Technology LT3023EMSE Datasheet HTML 6Page - Linear Technology LT3023EMSE Datasheet HTML 7Page - Linear Technology LT3023EMSE Datasheet HTML 8Page - Linear Technology LT3023EMSE Datasheet HTML 9Page - Linear Technology LT3023EMSE Datasheet HTML 10Page - Linear Technology LT3023EMSE Datasheet HTML 11Page - Linear Technology LT3023EMSE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3023
3023f
SHDN1/SHDN2 (Pins 7/9): Shutdown. The SHDN1/SHDN2
pins are used to put the corresponding channel of the
LT3023 regulator into a low power shutdown state. The
output will be off when the pin is pulled low. The
SHDN1/SHDN2 pins can be driven either by 5V logic or
open-collector logic with pull-up resistors. The pull-up
resistors are required to supply the pull-up current of the
open-collector gates, normally several microamperes,
and the SHDN1/SHDN2 pin current, typically 1
µA. If
unused, the pin must be connected to VIN. The device will
not function if the SHDN1/SHDN2 pins are not connected.
IN (Pin 8): Input. Power is supplied to the device through
the IN pin. A bypass capacitor is required on this pin if the
device is more than six inches away from the main input
filter capacitor. In general, the output impedance of a
battery rises with frequency, so it is advisable to include a
bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1
µF to 10µF is sufficient. The
LT3023 regulator is designed to withstand reverse volt-
ages on the IN pin with respect to ground and the OUT pin.
In the case of a reverse input, which can happen if a battery
is plugged in backwards, the device will act as if there is a
diode in series with its input. There will be no reverse
current flow into the regulator and no reverse voltage will
appear at the load. The device will protect both itself and
the load.
Exposed Pad (Pin 11): Ground. This pin must be soldered
to the PCB and electrically connected to ground.
GND (Pin 3): Ground.
ADJ1/ADJ2 (Pins 4/2): Adjust Pin. These are the inputs to
the error amplifiers. These pins are internally clamped to
±7V. They have a bias current of 30nA which flows into the
pin (see curve of ADJ1/ADJ2 Pin Bias Current vs Tempera-
ture in the Typical Performance Characteristics section).
The ADJ1 and ADJ2 pin voltage is 1.22V referenced to
ground and the output voltage range is 1.22V to 20V.
BYP1/BYP2 (Pins 5/1): Bypass. The BYP1/BYP2 pins are
used to bypass the reference of the LT3023 regulator to
achieve low noise performance from the regulator. The
BYP1/BYP2 pins are clamped internally to
±0.6V (one
VBE) from ground. A small capacitor from the correspond-
ing output to this pin will bypass the reference to lower the
output voltage noise. A maximum value of 0.01
µF can be
used for reducing output voltage noise to a typical 20
µVRMS
over a 10Hz to 100kHz bandwidth. If not used, this pin
must be left unconnected.
OUT1/OUT2 (Pins 6/10): Output. The outputs supply
power to the loads. A minimum output capacitor of 1
µF is
required to prevent oscillations. Larger output capacitors
will be required for applications with large transient loads
to limit peak voltage transients. See the Applications
Information section for more information on output ca-
pacitance and reverse output characteristics.
PI FU CTIO S


Similar Part No. - LT3023EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT3023 LINER-LT3023 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3023 LINER-LT3023 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3023 LINER-LT3023 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT3023 LINER-LT3023 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT3023EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
LT3027 LINER-LT3027 Datasheet
308Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com