Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3023EMSE Datasheet(PDF) 10 Page - Linear Technology

Part # LT3023EMSE
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023EMSE Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3023EMSE Datasheet HTML 6Page - Linear Technology LT3023EMSE Datasheet HTML 7Page - Linear Technology LT3023EMSE Datasheet HTML 8Page - Linear Technology LT3023EMSE Datasheet HTML 9Page - Linear Technology LT3023EMSE Datasheet HTML 10Page - Linear Technology LT3023EMSE Datasheet HTML 11Page - Linear Technology LT3023EMSE Datasheet HTML 12Page - Linear Technology LT3023EMSE Datasheet HTML 13Page - Linear Technology LT3023EMSE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT3023
3023f
APPLICATIO S I FOR ATIO
Output Capacitance and Transient Response
The LT3023 regulator is designed to be stable with a wide
range of output capacitors. The ESR of the output capaci-
tor affects stability, most notably with small
capacitors. A minimum output capacitor of 1
µF with an
ESR of 3
Ω or less is recommended to prevent oscilla-
tions. The LT3023 is a micropower device and output
transient response will be a function of output capaci-
tance. Larger values of output capacitance decrease the
peak deviations and provide improved transient response
for larger load current changes. Bypass capacitors, used
to decouple individual components powered by the
LT3023, will increase the effective output capacitor value.
With larger capacitors used to bypass the reference (for
low noise operation), larger values of output capacitors
are needed. For 100pF of bypass capacitance, 2.2
µF of
output capacitor is recommended. With a 330pF bypass
capacitor or larger, a 3.3
µF output capacitor is recom-
mended. The shaded region of Figure 2 defines the region
over which the LT3023 regulator is stable. The minimum
ESR needed is defined by the amount of bypass capaci-
tance used, while the maximum ESR is 3
Ω.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common
dielectrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit strong voltage and tem-
perature coefficients as shown in Figures 3 and 4. When
used with a 5V regulator, a 10
µF Y5V capacitor can exhibit
an effective value as low as 1
µF to 2µF over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values.
Figure 2. Stability
OUTPUT CAPACITANCE (
µF)
1
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
310
3023 F02
24
5
6 78 9
STABLE REGION
CBYP = 330pF
CBYP = 100pF
CBYP = 0
CBYP > 3300pF
Figure 4. Ceramic Capacitor Temperature Characteristics
Figure 3. Ceramic Capacitor DC Bias Characteristics
TEMPERATURE (
°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3023 F04
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
DC BIAS VOLTAGE (V)
3023 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF


Similar Part No. - LT3023EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT3023 LINER-LT3023 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3023 LINER-LT3023 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3023 LINER-LT3023 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT3023 LINER-LT3023 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT3023EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
LT3027 LINER-LT3027 Datasheet
308Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com