Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT240ADT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHCT240ADT
Description  Octal Bus Buffer/Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT240ADT Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT240ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT240ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT240ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT240ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT240ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT240ADT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT240A
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
4
Figure 1.
Figure 2.
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
TEST CIRCUITS
SWITCHING WAVEFORMS
Figure 5. Input Equivalent Circuit
INPUT
OEA or OEB
YA or YB
YA or YB
1.5V
tPZL
tPLZ
tPZH
tPHZ
3V
HIGH
IMPEDANCE
VOL +0.3V
VOH –0.3V
HIGH
IMPEDANCE
GND
tPLH
YA or YB
A or B
tPHL
1.5V
1.5V
3V
VOL
VOH
1.5V
1.5V
GND


Similar Part No. - MC74VHCT240ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT240ADTRG ONSEMI-MC74VHCT240ADTRG Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
MC74VHCT240ADTRG ONSEMI-MC74VHCT240ADTRG Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
More results

Similar Description - MC74VHCT240ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240 Datasheet
173Kb / 6P
   Octal Bus Buffer/Line Driver
1997 REV 0
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
   Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
   Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
logo
Diodes Incorporated
74LVCH244A DIODES-74LVCH244A Datasheet
469Kb / 10P
   OCTAL BUFFER/LINE DRIVER WITH BUS HOLD
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com