Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8606ETD+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8606ETD+
Description  USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8606ETD+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8606ETD+ Datasheet HTML 1Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 2Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 3Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 4Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 5Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 6Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 7Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 8Page - Maxim Integrated Products MAX8606ETD+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
USB/AC Adapter, Li+ Linear Battery Charger
with Integrated 50m
Ω Battery Switch in TDFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 5.0V, VBAT = 3.3V, EN1 = EN2 = GND, RSETI = 23.58k
Ω, CVL = 0.1µF, CSYS = 4.7µF, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EN1 = low, EN2 = low, ISYS = 0mA
87
95
100
EN1 = low, EN2 = high, ISYS = 0 to
350mA
95
BAT Prequal Current
VBAT = 2.0V
EN1 = high, EN2 = low, ISYS = 0 to
575mA
95
mA
Soft-Start Time
1.5
ms
BAT Prequal Threshold
VBAT rising, 150mV hysteresis (typ)
2.9
3.0
3.1
V
BAT Dropout Voltage (VIN - VBAT)VBAT = 4.1V, IBAT = 400mA
200
400
mV
BAT Short-Circuit Current Limit
BAT = GND
70
95
120
mA
BAT to SYS Switch RON
VBAT = 3.5V, VSYS = 3.4V, VIN = 0V
50
100
m
BAT to SYS Switch Threshold
BAT rising, 160mV hysteresis (typ)
3.4
3.5
3.6
V
Battery-Removal Threshold
BAT rising, 210mV hysteresis (typ)
4.5
4.75
5.0
V
TA = +25°C
0.1
10
VIN = 0V
TA = +85°C
0.1
TA = +25°C
0.1
10
VIN = 2.4V
TA = +85°C
0.1
TA = +25°C
-10
0.1
+10
BAT Leakage Current
EN1 = high, EN2 = high
TA = +85°C
0.1
µA
VL
VL Output Voltage
IVL = 0 to 500µA
3.1
3.3
3.5
V
VL Shutdown Voltage
V EN1 = V EN2 = 5V
0
V
THM
THM Internal Pullup Resistance
10
k
THM Resistance Threshold, Hot
10% hysteresis
3.72
3.93
4.13
k
THM Resistance Threshold, Cold
10% hysteresis
26.6
28.3
30.0
k
THM Resistance Threshold,
Disabled
70% hysteresis
274
305
336
SETI
EN1 = low, EN2 = low
0.28
EN1 = low, EN2 = high
1.4
SETI Servo Voltage
EN1 = high, EN2 = low
2.1
V
SETI Resistance Range
17.68
23.58
35.36
k
POK
VIN rising
150
250
350
POK Trip Threshold (VIN - VBAT)
4.1V < VIN < 5.6V,
VBAT = 4.1V
VIN falling
5
55
125
mV
POK Voltage, Low
IPOK = 5mA
0.05
0.2
V
TA = +25°C
0.01
1
POK Leakage Current, High
V POK = 6V
TA = +85°C
0.01
µA


Similar Part No. - MAX8606ETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8606ETD++ MAXIM-MAX8606ETD+ Datasheet
178Kb / 14P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
More results

Similar Description - MAX8606ETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
logo
Skyworks Solutions Inc.
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
   1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Summit Microelectronics...
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
logo
Maxim Integrated Produc...
MAX8922L MAXIM-MAX8922L Datasheet
704Kb / 15P
   30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN
19-4929; Rev 1; 4/10
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
   BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
   Linear Li-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com