Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44C402ACR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC44C402ACR2
Description  MTS Stereo Encoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44C402ACR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC44C402ACR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44C402ACR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Freescale Semiconductor
MC44C402
SETTING LEVEL FOR MODULATOR/ENCODER
INTERFACE
1.
Verify calibration of the equipment. This requires a
modulator and precision signal source. The audio signal
cannot be passed through the stereo encoder for this
setup. Suggest using 10396.48 Hz audio test signal
directly into first Bessel null on a spectrum analyzer.
The null will occur at precisely 25 KHz deviation of the
10396.48 Hz audio test signal. Please see Figure 8 for
test equipment setup.
2.
Input 1800 Hz @ 0.4 V p-p into left channel and set
adjust attenuation between stereo encoder and the
modulator for optimum separation using calibrated
demodulator and decoder.
Figure 8. MC44C402 Level Setup
Audio Generator
Precision
Demoodulator
TEK 1450-1
Precision MTS Decoder
Modulation Sciences SRD1
Audio Spectrum
Analyzer
Modulator
No Audio Pre-emphasis
Stereo Encoder
Spectrum Analyzer
Audio Analyzer
Audio Precision SYS2
Wide Band
Output
Composite Video
Left In
Right In
Adjust for optimal
separation with
only Left channel
driven 1800Hz
44C402 Level Setup
Input Left Channel only
1800Hz 400 mV p-p
CVBS in
4.5MHz
Notch Filter
0db / 25KHz deviation =
1.45Vp-p @ 1KHz Mono
(both channels driven)
Demodulator / MTS Decoder Calibration
25KHz deviation Check = 1 0396 Hz
@25KHz deviation gives bessel nul l and
Ref Level on SRD-1
Composite Video
Attenuator
1) Calibrate MTS Decoder to Demodulator connection using Bess el Null Technique
2) input 1.8KHz 0.4 V p-p on left channel only and optimiz e stereo separation with
attenuator.


Similar Part No. - MC44C402ACR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44C401 MOTOROLA-MC44C401 Datasheet
426Kb / 16P
   MTS Stereo Encoder
MC44C401FA MOTOROLA-MC44C401FA Datasheet
426Kb / 16P
   MTS Stereo Encoder
logo
Freescale Semiconductor...
MC44C401L FREESCALE-MC44C401L Datasheet
188Kb / 12P
   MTS Stereo Encoder
MC44C401L FREESCALE-MC44C401L Datasheet
189Kb / 12P
   MC44C401L MTS Stereo Encoder
MC44C401LAC FREESCALE-MC44C401LAC Datasheet
189Kb / 12P
   MC44C401L MTS Stereo Encoder
More results

Similar Description - MC44C402ACR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44C401L FREESCALE-MC44C401L Datasheet
188Kb / 12P
   MTS Stereo Encoder
logo
Motorola, Inc
MC44C401 MOTOROLA-MC44C401 Datasheet
426Kb / 16P
   MTS Stereo Encoder
logo
Freescale Semiconductor...
MC44C401LAC FREESCALE-MC44C401LAC Datasheet
189Kb / 12P
   MC44C401L MTS Stereo Encoder
MC44C404 FREESCALE-MC44C404 Datasheet
370Kb / 11P
   Stereo Encoder
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
logo
Maxim Integrated Produc...
MAX5440 MAXIM-MAX5440 Datasheet
635Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 1; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com