Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK7216S Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK7216S
Description  OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK7216S Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK7216S Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - STK7216S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK7216S ETC-STK7216S Datasheet
119Kb / 2P
   SECONDARY CHOPPER REGULATOR FOR VTR
More results

Similar Description - STK7216S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7075 NTE-NTE7075 Datasheet
24Kb / 2P
   Integrated Circuit Module - 100W Offline Switching Regulator for Color TV
logo
Linear Technology
LT1103 LINER-LT1103 Datasheet
452Kb / 32P
   Offline Switching Regulator
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
logo
Sanyo Semicon Device
STK-73410II SANYO-STK-73410II Datasheet
90Kb / 4P
   Voltage Regulator for TV/VTR Use
logo
NTE Electronics
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
   Integrated Circuit Module - Color TV Switching Regulator
logo
Sanyo Semicon Device
STK73410II SANYO-STK73410II Datasheet
91Kb / 4P
   Voltage Regulator for TV / VTR Use
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
   900V Offline Switching Regulator
logo
JILIN SINO-MICROELECTRO...
3DD5011 JSMC-3DD5011 Datasheet
238Kb / 5P
   Switching power supply for color TV
3DD5038P JSMC-3DD5038P Datasheet
302Kb / 5P
   Switching power supply for color TV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com