Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73H2ATE1003F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RK73H2ATE1003F
Description  FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK73H2ATE1003F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RK73H2ATE1003F Datasheet HTML 1Page - List of Unclassifed Manufacturers RK73H2ATE1003F Datasheet HTML 2Page - List of Unclassifed Manufacturers RK73H2ATE1003F Datasheet HTML 3Page - List of Unclassifed Manufacturers RK73H2ATE1003F Datasheet HTML 4Page - List of Unclassifed Manufacturers RK73H2ATE1003F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEER ELECTRONICS, INC.
TELEPHONE:
814-362-5536
FAX: 814-362-8883
145
APPENDIX A
FLAT CHIP RESISTORS
TAPE & REEL SPECIFICATIONS
1.5
±+0.1
-0
(TE)
7”
EMBOSSED
PLASTIC
(T)
7” PAPER
TAPE
(NOTES) DOTTED LINES ARE APPLICABLE ONLY FOR
1E, 1J AND 2A SIZES ON 1000 PIECE REELS.
DIMENSIONS (mm)
CARRIER TAPE
PACKAGING SPECIFICATIONS
DIRECTION OF FEED
EMBOSSED
CARRIED
REEL SPECIFICATIONS
(TP) 7”
PAPER TAPE
(2mm PITCH)
PACKAGING
SIZE
A
B
W
E
F
T1
T2
P0
P1
P2
D
CODE
1H (0201)
1E (0402)
1.15
±0.1 0.65±0.1 8.0±0.2 1.75±0.1 3.5±0.05
-----
0.45
±0.1 4.0±0.1 2.0±0.05 2.0+0.05
1J (0603) 1.9
±0.1
1.1
±0.1
≤≤
-----
0.60
±0.1
4.0
±0.1
≤≤
2A (0805) 2.4
±0.1 1.65±0.1
≤≤
-----
0.75
±0.1
≤≤
≤≤
2B (1206) 3.5
±0.1
1.9
±0.1
≤≤
-----
≤≤
≤≤
2E (1210) 3.5
±0.1
2.8
±0.1
≤≤
-----
≤≤
≤≤
2A (0805) 2.4
±0.2 1.45±0.15
≤≤
0.85
±0.1 0.25±0.1
≤≤
≤≤
2B (1206) 3.5
±0.1
1.9
±0.2
≤≤
1.0
±0.1
≤≤
≤≤
2E (1210) 3.6
±0.15 2.9±0.15
≤≤
0.2
±0.1
≤≤
≤≤
2H (2010) 5.4
±0.2
2.9
±0.2 12.0±0.1
5.5
±0.5 0.85±0.1
≤≤
≤≤
3A (2512) 6.9
±0.2
3.6
±0.2
≤≤
≤≤
≤≤
4.0
±0.1
≤≤
(TDD)
1J (0603) 1.9
±0.1
1.1
±0.1
8.0
±0.2 1.75±0.1 3.5±0.05
-----
0.60
±0.1
≤≤
≤≤
10”
2A (0805) 2.4
±0.1 1.65±0.1
≤≤
-----
0.75
±0.1
≤≤
≤≤
PAPER
2B (1206) 3.5
±0.1
1.9
±0.1
≤≤
-----
≤≤
≤≤
TAPE
2E (1210) 3.5
±0.1
2.8
±0.1
≤≤
-----
≤≤
≤≤
(TED)
2A (0805) 2.4
±0.2 1.45±0.15
≤≤
0.85
±0.1 0.25±0.1
≤≤
≤≤
10”
2B (1206) 3.5
±0.1
1.9
±0.2
≤≤
1.0
±0.1
≤≤
≤≤
EMBOSSED 2E (1210) 3.6
±0.15 2.9±0.15
≤≤
≤≤
0.2
±0.1
≤≤
≤≤
PLASTIC
2H (2010) 5.4
±0.2
2.9
±0.2
12
±0.1
5.5
±0.5 0.85±0.1
≤≤
≤≤
3A (2512) 6.9
±02.
3.6
±0.2
≤≤
≤≤
≤≤
4.0
±0.1
≤≤
SIZE
DIMENSION (mm)
CODE
Øa max.
7”
10”
Øb
w
t
Øc
Ød
e
1H (0201)
1E (0402)
1J (0603)
2A (0805)
178
255
80
±2.0 10±1.0 1.5±.05 13±0.5 27±20 3.0±0.5
2B (1206)
2E (1210)
60
±2.0 14±1.0
21
±2.0 2.0±0.5
2H (2010)
3A (2512)


Similar Part No. - RK73H2ATE1003F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H2ATE KOA-RK73H2ATE Datasheet
95Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73H2ATED KOA-RK73H2ATED Datasheet
95Kb / 2P
   flat chip resistors (anti-sulfuration)
More results

Similar Description - RK73H2ATE1003F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H KOA-RK73H Datasheet
385Kb / 2P
   precision 0.5%, 1% tolerance
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H2BTTD3323F KOA-RK73H2BTTD3323F Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com