Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z12VT1 Datasheet(PDF) 1 Page - Formosa MS

Part # MM3Z12VT1
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM3Z12VT1 Datasheet(HTML) 1 Page - Formosa MS

  MM3Z12VT1 Datasheet HTML 1Page - Formosa MS MM3Z12VT1 Datasheet HTML 2Page - Formosa MS MM3Z12VT1 Datasheet HTML 3Page - Formosa MS MM3Z12VT1 Datasheet HTML 4Page - Formosa MS MM3Z12VT1 Datasheet HTML 5Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Zener Diodes
*200mw Power Dissipation
*Ideal for Surface Mountted Application
*Case : SOD-323 Molded plastic
Mechanical Data:
Features:
MM3Z Series
SMALL SIGNAL
ZENER DIODES
200m WATTS
*Zener Breakdown Voltage Range 2.4V to 75V
*Terminals: Solderable per MIL-STD-202, Method 208
*Polarity: Cathode Indicated by Polarity Band
*Marking: Marking Code (See Table on Page 3)
*Weigh: 0.004grams(approx)
SOD-323
1
2
SOD-323 Outline Dimensions
~ 1 ~
Formosa MS


Similar Part No. - MM3Z12VT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MM3Z12VT1 LRC-MM3Z12VT1 Datasheet
83Kb / 5P
   Zener Voltage Regulators
logo
ON Semiconductor
MM3Z12VT1 ONSEMI-MM3Z12VT1 Datasheet
61Kb / 6P
   Zener Voltage Regulators
April, 2004 ??Rev. 6
logo
PACELEADER INDUSTRIAL
MM3Z12VT1 PACELEADER-MM3Z12VT1 Datasheet
170Kb / 2P
   SURFACE MOUNT ZENER DIODES
MM3Z12VT1 PACELEADER-MM3Z12VT1 Datasheet
170Kb / 2P
   SURFACE MOUNT ZENER DIODES
logo
Nexperia B.V. All right...
MM3Z12VT1G NEXPERIA-MM3Z12VT1G Datasheet
267Kb / 12P
   Voltage regulator diodes
Rev. 2 - 21 February 2023
More results

Similar Description - MM3Z12VT1

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com