Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF22 Datasheet(PDF) 2 Page - Formosa MS

Part # SF22
Description  2.0 AMP SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF22 Datasheet(HTML) 2 Page - Formosa MS

  SF22 Datasheet HTML 1Page - Formosa MS SF22 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SF21 THRU SF28)
FIG.4-TYPICAL REVERSE
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.4
0.8
1.2
1.6
2.0
2.4
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
Tj=100 C
Tj=25 C
20
0
40
60
80
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100 120 140
AMBIENT TEMPERATURE,( C)
0
0
25
50
75
100
125
150
175
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
3.0
Tj=25 C


Similar Part No. - SF22

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF22 MOSPEC-SF22 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
First Silicon Co., Ltd
SF22 FS-SF22 Datasheet
490Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
logo
Shanghai Shunye Electro...
SF22 SHUNYE-SF22 Datasheet
233Kb / 2P
   SUPER FAST RECTIFIER
logo
Leshan Radio Company
SF22 LRC-SF22 Datasheet
55Kb / 2P
   SUPER FAST DIODES
More results

Similar Description - SF22

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF21 FORMOSA-SF21 Datasheet
36Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF21 GWSEMI-SF21 Datasheet
71Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF24GH FORMOSA-SF24GH Datasheet
62Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF21 UNIOHM-SF21 Datasheet
70Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF21 YIXIN-SF21 Datasheet
262Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF21 LUGUANG-SF21 Datasheet
1Mb / 2P
   2.0 AMP. Super Fast Rectifiers
logo
Bytes
SF21 BYTES-SF21 Datasheet
161Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES2A DGNJDZ-ES2A Datasheet
134Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
SF21 FCI-SF21 Datasheet
162Kb / 2P
   2.0 Amp SUPER FAST PLASTIC RECTIFIERS
UFS20 FCI-UFS20 Datasheet
140Kb / 2P
   2.0 Amp SMD SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com