Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG804 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG804
Description  0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG804 Datasheet(HTML) 5 Page - Analog Devices

  ADG804 Datasheet HTML 1Page - Analog Devices ADG804 Datasheet HTML 2Page - Analog Devices ADG804 Datasheet HTML 3Page - Analog Devices ADG804 Datasheet HTML 4Page - Analog Devices ADG804 Datasheet HTML 5Page - Analog Devices ADG804 Datasheet HTML 6Page - Analog Devices ADG804 Datasheet HTML 7Page - Analog Devices ADG804 Datasheet HTML 8Page - Analog Devices ADG804 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG804
Rev. 0 | Page 5 of 16
VDD = 1.65 V ± 1.95 V, GND = 0 V, unless otherwise noted.1
Table 3.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
1
Ω typ
VDD = 1.8 V; VS = 0 V to VDD, IS = 10 mA
1.4
2.2
2.2
Ω max
2.2
4
4
Ω max
VDD = 1.65 V, VS = 0 V to VDD,
IS = 10 mA; Figure 18
On Resistance Match between Channels
(∆RON)
0.1
Ω typ
VDD = 1.65 V, VS = 0.7 V, IS = 10 mA
LEAKAGE CURRENTS
VDD = 1.95 V
Source Off Leakage IS (OFF)
±0.1
nA typ
VS = 0.6 V/1.65 V, VD = 1.65 V/0.6 V;
±1
nA max
Figure 19
Drain Off Leakage ID (OFF)
±0.1
nA typ
VS = 0.6/1.65 V, VD = 1.65/0.6 V;
±1
nA max
Figure 19
Channel On Leakage ID, IS (ON)
±0.1
nA typ
VS = VD = 0.6 V or 1.65 V; Figure 20
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
0.65 VDD
V min
Input Low Voltage, VINL
0.35 VDD
V max
Input Current IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
4
pF typ
DYNAMIC CHARACTERISTICS2
tTRANSISTION
32
ns typ
RL = 50 Ω, CL = 35 pF
40
42
44
ns max
VS = 1.5 V/0 V; Figure 21
tON ENABLE
34
ns typ
RL = 50 Ω, CL = 35 pF
39
40
41
ns max
VS = 1.5 Ω/0 V; Figure 22
tOFF ENABLE
8
ns typ
RL = 50 Ω, CL = 35 pF
10
11
13
ns max
VS = 1.5 V; Figure 22
Break-Before-Make Time Delay (tBBM)
22
ns typ
RL = 50 Ω, CL = 35 pF
5
ns min
VS1 = VS2 = 1 V; Figure 22
Charge Injection
12
pC typ
VS = 1 V, RS = 0 V, CL = 1 nF; Figure 24
Off Isolation
−67
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
Figure 25
Channel-to-Channel Crosstalk
−75
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz,
Figure 27
Total Harmonic Distortion (THD + N))
0.14
%
RL = 32 Ω, f = 20 Hz to 20 kHz,
VS = 1.2 V p-p
Insertion Loss
0.08
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz
–3 dB Bandwidth
30
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 26
CS (OFF)
26
pF typ
CD (OFF)
115
pF typ
CD, CS (ON)
130
pF typ
POWER REQUIREMENTS
VDD = 1.95 V
IDD
0.003
µA typ
Digital inputs = 0 V or 1.95 V
1.0
4
µA max
_______________________________________________________________________________________
1 Temperature range, Y version: −40°C to +125°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804YRM AD-ADG804YRM Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ AD-ADG804YRMZ Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ-REEL AD-ADG804YRMZ-REEL Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ-REEL7 AD-ADG804YRMZ-REEL7 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
More results

Similar Description - ADG804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com