Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG804 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG804
Description  0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG804 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG804 Datasheet HTML 5Page - Analog Devices ADG804 Datasheet HTML 6Page - Analog Devices ADG804 Datasheet HTML 7Page - Analog Devices ADG804 Datasheet HTML 8Page - Analog Devices ADG804 Datasheet HTML 9Page - Analog Devices ADG804 Datasheet HTML 10Page - Analog Devices ADG804 Datasheet HTML 11Page - Analog Devices ADG804 Datasheet HTML 12Page - Analog Devices ADG804 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG804
Rev. 0 | Page 9 of 16
–10
0
10
20
30
40
50
60
70
80
90
40
60
0
20
80
100
120
TEMPERATURE (°C)
VDD = 3.3V
ID, IS (ON)
ID (OFF)
IS (OFF)
Figure 9. Leakage Current vs. Temperature, VDD = 3.3 V
–20
0
20
40
60
80
100
40
60
0
20
80
100
120
TEMPERATURE (°C)
VDD = 2.5V
ID, IS (ON)
IS (OFF)
ID (OFF)
Figure 10. Leakage Current vs. Temperature, VDD = 2.5 V
–0
0
10
20
30
40
50
60
70
40
60
0
20
80
100
120
TEMPERATURE (°C)
VDD = 1.8V
ID, IS (ON)
ID (OFF)
IS (OFF)
Figure 11. Leakage Current vs. Temperature, VDD = 1.8 V
90
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
TA = 25°C
VDD = 3.6V
VDD = 2.5V
VDD = 1.8V
VS (V)
Figure 12. Charge Injection vs. Source Voltage, VDD = 1.8 V
VDD = 1.8V
VDD = 2.5V
VDD = 3V
VDD = 1.8V
VDD = 2.5V
VDD = 3V
35
30
25
20
15
10
5
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
tONENABLE
tOFFENABLE
Figure 13. tON/tOFF Times vs. Temperature
TA = 25°C
VDD = 3.3V/2.5V/1.8V
0
–2
–6
–8
–10
–12
–14
–16
–18
–20
–4
0.03
0.1
1
10
100
300
FREQUENCY (MHz)
Figure 14. Bandwidth


Similar Part No. - ADG804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804YRM AD-ADG804YRM Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ AD-ADG804YRMZ Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ-REEL AD-ADG804YRMZ-REEL Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ-REEL7 AD-ADG804YRMZ-REEL7 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
More results

Similar Description - ADG804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com