Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73X2ATDD1003F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RK73X2ATDD1003F
Description  FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK73X2ATDD1003F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RK73X2ATDD1003F Datasheet HTML 1Page - List of Unclassifed Manufacturers RK73X2ATDD1003F Datasheet HTML 2Page - List of Unclassifed Manufacturers RK73X2ATDD1003F Datasheet HTML 3Page - List of Unclassifed Manufacturers RK73X2ATDD1003F Datasheet HTML 4Page - List of Unclassifed Manufacturers RK73X2ATDD1003F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEER ELECTRONICS, INC.
TELEPHONE:
814-362-5536
FAX: 814-362-8883
144
PT72 2A (0805)
BRONZE
BLACK
4 DIGITS
2B (1206)
SR73 2A (0805)
2B (1206)
E-96 - 4 DIGITS
2E (1210)
INDIGO
WHITE
2H (2010)
3A (2512)
E-24 - 3 DIGITS
CR73 2B (1206)
BLUE/
NONE
YELLOW
MARKING
PACKAGING METHOD
APPENDIX A
FLAT CHIP RESISTORS
PACKAGING & MARKING
100 102 105 107 110 113 115 118 121 124 127 130
133 137 140 143 147 150 154 158 162 165 169 174
178 182 187 191 196 200 205 210 215 221 226 232
237 243 249 255 261 267 274 280 287 294 301 309
316 324 332 340 348 357 365 374 383 392 402 412
422 432 442 453 464 475 487 499 511 523 536 549
562 576 590 604 619 634 649 665 681 698 715 732
750 768 787 806 825 845 866 887 909 931 953 976
STANDARD E-24 (5%) DECADE VALUES
STANDARD E-96 (
1%) DECADE VALUES
PACKAGING SPECIFICATIONS
SIZE
7” T
7” TE
7” TP
10” TDD
10” TED
CODE PUNCHED EMBOSSED PUNCHED PUNCHED EMBOSSED
PAPER
PLASTIC
PAPER
PAPER
1H
------
------
10000
------
------
(0201)
1E
------
------
10000
------
------
(0402)
1J
5000
------
------
10000
------
(0603)
2A
5000
4000
------
10000
10000
(0805)
2B
5000
4000
------
10000
10000
(1206)
2E
5000
4000
------
10000
------
(1210)
2H
------
4000
------
------
10000
(2010)
3A
------
4000
-------
------
10000
(2512)
MARKING contd.
* Currently in the process of changing to 4-digit marking for both E-96 and E-24.
1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1
KSE PART
COLOR
MARKING
DESIGNATION
BODY
MARKING
TYPE
RM731H (0201)
BLACK
NONE
------
RM73B1E (0402)
BLACK
NONE
------
RM73B1J (0603)
BLACK
WHITE
3 DIGITS
RK73AD
BLACK
WHITE BLUE
3 DIGITS
RK73H IJ (0603)
BLUE
E-24 BLACK E-24 3 DIGITS*
E-96 NONE
RM73B2A (0805)
BLACK
WHITE
3 DIGITS
2B (1206)
2E (1210)
2H (2010)
3A (2512)
RK73H2A (0805)
BLUE
BLACK
4 DIGITS
2B (1206)
2E (1210)
2H (2010)
3A (2512)
RM73Z1H (0201)
GREEN
NONE
------
RM73Z1E (0402)
RM73Z1J (0603)
BLACK
WHITE
000
2A (0805)
2B (1206)
2E (1210)
2H (2010)
3A (2512)
RN73T2A (0805)
GREEN
RED
4 DIGITS
2B (1206)
2E (1210)
RN73E1J (0603)
BLACK
WHITE
E-24 3 DIGITS*
E-96 NONE
RN73E2A (0805)
GREEN
YELLOW
4 DIGITS
2B (1206)
2E (1210)
RN73C1J (0603)
BLACK
WHITE
E-24 3 DIGITS*
E-96 NONE
RN73C2A (0805)
GREEN
YELLOW
4 DIGITS
2B (1206)
2E (1210)
RK73N2A (0805)
BLACK
NONE
NONE
2B (1206)
2E (1210)
2H (2010)
3A (2512)
LT73
2A (0805)
BRONZE
BLACK
4 DIGITS
2B (1206)
LA73 1J (0603)
ORANGE
BLACK
3 DIGITS
2A (0805)
2B (1206)
RF73B 2A (0805)
BROWN
BLACK
3 DIGITS
2B (1206)
NT73 2A (0805)
PINK
BLACK
3 DIGITS
2B (1206)


Similar Part No. - RK73X2ATDD1003F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
logo
List of Unclassifed Man...
RK737 ETC2-RK737 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
logo
KOA Speer Electronics, ...
RK73A1JLTD102G KOA-RK73A1JLTD102G Datasheet
95Kb / 2P
   audio applications 2%,5%tolerance
RK73A1JLTD102J KOA-RK73A1JLTD102J Datasheet
95Kb / 2P
   audio applications 2%,5%tolerance
RK73A1JLTDD102G KOA-RK73A1JLTDD102G Datasheet
95Kb / 2P
   audio applications 2%,5%tolerance
More results

Similar Description - RK73X2ATDD1003F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H KOA-RK73H Datasheet
385Kb / 2P
   precision 0.5%, 1% tolerance
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H2BTTD3323F KOA-RK73H2BTTD3323F Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com