Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12KT256CPV Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC9S12KT256CPV
Description  Microcontrollers
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12KT256CPV Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S12KT256CPV Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12KT256CPV Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
2
Freescale Semiconductor
Revision History
Version
Number
Revision
Date
Author
Description of Changes
01.00
16 JUL 02
Original Version.
01.01
22 NOV 02
Change load cap value on VDD and VDDPLL.
Correct expanded bus timing from 20MHz to 25 MHz.
01.02
15 JAN 03
Move ATD interrupt vector from $ffd0 to $ffd2.
Change PWeh and tDSW parameter in external bus timing.
01.03
13 JUN 03
Expand to a K-Family SoC Guide and include 9S12KT256.
01.04
18 JUN 03
Replace 16-channel ATD with two 8-channel ATDs for 9S12KT256.
01.05
14 NOV 03
Changed to a Device User Guide and added Document number.
Updated Table A-17 Oscillator Characteristics.
Replaced XCLKS with PE7 for Clock Selection diagrams.
Added CTRL to Table 2-1 Signal Properties.
Replaced Burst programming with Row Programming in NVM
electricals.
Changed Digital logic to Internal Logic.
Added LRAE bootloader information.
Changed PWEL, PWEH, tDSW, tACCE, tNAD, tNAV, tRWV, tLSV, tNOV,
tP0V and tP1V in the external bus timing.
Added voltage regulator characteristics.
01.06
10 FEB 04
Updated Table A-7 3.3V I/O Characteristics.
01.07
13 MAY 04
Updated Table A-16 NVM Timing Characteristics.
Corrected A.6.1.2 Row Programming time tbwpgm equation
01.08
20 JUL 04
Expanded K-family to include 9S12KC128, 9S12KC64, 9S12KL128
and 9S12KL64.
01.09
9 SEP 04
Updated osciilator start up time and supply current characteristics.
Added ATDCTL0 and ATDCTL1 register bits to Sec 1.7.


Similar Part No. - MC9S12KT256CPV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12KT256CPV FREESCALE-MC9S12KT256CPV Datasheet
2Mb / 594P
   Microcontrollers
logo
NXP Semiconductors
MC9S12KT256CPV NXP-MC9S12KT256CPV Datasheet
7Mb / 126P
   HCS12 Microcontrollers
V01.09 9 SEP 2004
More results

Similar Description - MC9S12KT256CPV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com