Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF800-70-4I-EK Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST39VF800-70-4I-EK
Description  8 Megabit (512K x 16-Bit) Multi-Purpose Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF800-70-4I-EK Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST39VF800-70-4I-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF800-70-4I-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
© 1999 Silicon Storage Technology, Inc.
343-04 2/99
8 Megabit Multi-Purpose Flash
SST39VF800Q / SST39VF800
Advance Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TABLE 3: OPERATION MODES SELECTION
Mode
CE#
OE#
WE#
A9
DQ
Address
Read
VIL
VIL
VIH
AIN
DOUT
AIN
Program
VIL
VIH
VIL
AIN
DIN
AIN
Erase
VIL
VIH
VIL
X
X
Sector or block address,
XXh for chip erase
Standby
VIH
X
X
X
High Z
X
Write Inhibit
X
VIL
X
X
High Z/ DOUT
X
XXVIH
X
High Z/ DOUT
X
Product Identification
Hardware Mode
VIL
VIL
VIH
VH
Manufacturer Code (00BF)
A18 - A1 = VIL, A0 = VIL
Device Code (2781)
A18 - A1 = VIL, A0 = VIH
Software Mode
VIL
VIL
VIH
AIN
See Table 4
343 PGM T3.0
TABLE 2: PIN DESCRIPTION
Symbol
Pin Name
Functions
A18-A0
Address Inputs
To provide memory addresses. During sector erase A18-A11 address lines
will select the sector. During block erase A18-A15 address lines will select
the block.
DQ15-DQ0
Data Input/output
To output data during read cycles and receive input data during write
cycles. Data is internally latched during a write cycle. The outputs are in
tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the write operations.
VDD
Power Supply
To provide 3-volt supply (2.7-3.6V)
VDDQ
I/O Power Supply
Supplies power for input/output buffers. It should be either tied to VDD
(2.7 - 3.6V) for 3V I/O or to a 5.0V (4.5 - 5.5V) power supply to
support 5V I/O. (Not offered on SST39VF800 device, instead it is a NC)
Vss
Ground
NC
No Connection
Unconnected pins.
343 PGM T2.0


Similar Part No. - SST39VF800-70-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800A SST-SST39VF800A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF800A SST-SST39VF800A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A MICROCHIP-SST39VF800A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

Similar Description - SST39VF800-70-4I-EK

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Silicon Storage Technol...
SST39VF160Q SST-SST39VF160Q Datasheet
252Kb / 23P
   16 Megabit (1M x 16-Bit) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
Silicon Storage Technol...
39SF020 SST-39SF020 Datasheet
231Kb / 23P
   2 Megabit (256K x 8) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com