Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF800-90-4I-EK Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST39VF800-90-4I-EK
Description  8 Megabit (512K x 16-Bit) Multi-Purpose Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF800-90-4I-EK Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST39VF800-90-4I-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF800-90-4I-EK Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
© 1999 Silicon Storage Technology, Inc.
343-04 2/99
8 Megabit Multi-Purpose Flash
SST39VF800Q / SST39VF800
Advance Information
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum Stress
Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device
at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied.
Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias ................................................................................................................. -55°C to +125°C
Storage Temperature ...................................................................................................................... -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential ...................................................................... -0.5V to VDDQ (2) + 0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential .................................................. -1.0V to VDDQ (2) + 1.0V
Voltage on A9 Pin to Ground Potential ................................................................................................ -0.5V to 13.2V
Package Power Dissipation Capability (Ta = 25°C) ........................................................................................... 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) ............................................................................... 240°C
Output Short Circuit Current(1) ................................................................................................................................................................. 50 mA
Note: (1) Outputs shorted for no more than one second. No more than one output shorted at a time.
(2) The absolute maximum stress ratings for SST39VF800 are referenced to VDD.
OPERATING RANGE
Range
Ambient Temp
VDD
VDDQ
Commercial
0 °C to +70 °C
2.7 - 3.6V
VDD or 4.5 - 5.5V
Industrial
-40 °C to +85 °C
2.7 - 3.6V
VDD or 4.5 - 5.5V
AC CONDITIONS OF TEST
Input Rise/Fall Time ......... 10 ns
Output Load ..................... CL = 100 pF
See Figures 14 and 15


Similar Part No. - SST39VF800-90-4I-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800A SST-SST39VF800A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF800A SST-SST39VF800A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF800A SST-SST39VF800A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A MICROCHIP-SST39VF800A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

Similar Description - SST39VF800-90-4I-EK

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Silicon Storage Technol...
SST39VF160Q SST-SST39VF160Q Datasheet
252Kb / 23P
   16 Megabit (1M x 16-Bit) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
Silicon Storage Technol...
39SF020 SST-39SF020 Datasheet
231Kb / 23P
   2 Megabit (256K x 8) Multi-Purpose Flash
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com